Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

853-016 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 853-016
Description  Differential Twinax Pin Contact
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

853-016 Datasheet(HTML) 1 Page - Glenair, Inc.

  853-016 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-29
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2012 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B
Rev. 5.21.15
853-016
Size #12 Differential Twinax Pin Contact
For Use with Mighty Mouse and Series 79 Micro-Crimp
Size #12 Differential Twinax Pin Contact for Multi-Gigabit Data Rate Applications
These solder terminated #12 twinax pin contacts accept 100 ohm twinax cable. Current rating
is 1 Amp. DWV rating is 500 Vac rms sea level, 125 Vac at 70,000 feet. Contacts are packaged
individually and shipped unassembled with instruction sheet. One contact consists of outer
contact and center contact. All contacts are gold-plated copper alloy. 5000 megohm insulation
resistance at 200Vdc. Mates with: 853-015. Ideally suited for multi-gigabit data rate applications
such as 1000 Base-T gigabit ethernet.
Material and Finish
Contact Body: Copper Alloy/Gold Plated
Center Contact: Copper Alloy/Gold Plated
Electrical Parameters
Differential Impedence: 100-ohms nominal
Frequency Range: DC to 10 Ghz
VSWR: 1.1+(.03* F Ghz)
Insertion Loss: 1/3* F Ghz
Dielectric Withstanding Voltage: 500 Vrms
Insulation Resistence: 5000 Megohms minimum
Notes
Contact is designed to accommodate Glenair P/N 963-102-30 cable.
For assembly instructions, see AI85014.
Pin contact shall mate with Glenair Socket Contact P/N 853-015-XX.
For use in Glenair Mighty Mouse and Series 79 Micro-Crimp connectors only.
PCB Tail-equipped contacts also available. Consult factory.
Desi
gned fo
r use with 853-016-0
1
963-102-30
Differential Pair Cable
Alignment
Key
Ø .096 (2.44)
Max
Ø .182 (4.62)
Max
Ø .151 (3.84)
Max
Ø .126 (3.20)
Max
.300
(7.62)
Max
.560 (14.2)
Max
.030 (0.76)
Glenair Differential
Pair Cable
(Ref. Only)
.040
(1.02)
.033 (.084)
Type
Glenair
Part No.
Military
Part No.
AWG
Wire Size
Cable
Accommodation Impedence
Frequency
Range
VSWR
Insertion
Loss
Pin
853-016-01
N/A
30
963-102-30
100-Ohms
Nominal
DC to
10 GHz
1.1 + (.03 * F GHz) 1/3 *F GHz


Similar Part No. - 853-016

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
853-015 GLENAIR-853-015 Datasheet
194Kb / 1P
   Differential Twinax Socket Contact
More results

Similar Description - 853-016

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
853-015 GLENAIR-853-015 Datasheet
194Kb / 1P
   Differential Twinax Socket Contact
AI85015 GLENAIR-AI85015 Datasheet
184Kb / 1P
   Twinax Pin Contact
AI85014 GLENAIR-AI85014 Datasheet
195Kb / 1P
   Twinax Socket Contact
logo
Japan Automatic Machine...
JC-0622-067 JAM-JC-0622-067 Datasheet
35Kb / 1P
   Pin Contact Pin Contact
13.09.10
logo
Glenair, Inc.
853-001 GLENAIR-853-001 Datasheet
213Kb / 1P
   Size 8 Concentric Twinax Pin
853-003 GLENAIR-853-003 Datasheet
227Kb / 1P
   Size 8 Concentric Twinax Pin
logo
Japan Aviation Electron...
CONT-JL05-08P-C1 JAE-CONT-JL05-08P-C1 Datasheet
66Kb / 1P
   PIN CONTACT
CONT-JL05-12P-C1 JAE-CONT-JL05-12P-C1 Datasheet
59Kb / 1P
   PIN CONTACT
M37P75C4P3 JAE-M37P75C4P3 Datasheet
139Kb / 1P
   PIN CONTACT
M36P08K4Q3 JAE-M36P08K4Q3 Datasheet
133Kb / 1P
   PIN CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com