Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2200L-Z21D-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR2200L-Z21D-B
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR2200L-Z21D-B Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR2200L-Z21D-B Datasheet HTML 1Page - Unisonic Technologies MBR2200L-Z21D-B Datasheet HTML 2Page - Unisonic Technologies MBR2200L-Z21D-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR2200
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R202-019.b
SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR2200 is a schottky barrier rectifier, it uses UTC’s
advanced technology to provide customers with low forward voltage
drop, high current capability and high efficiency, etc.
The UTC MBR2200 is suitable for free wheeling, high frequency
inverters, polarity protection application.
FEATURES
* Low forward voltage drop
* High efficiency
* High surge capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
MBR2200L-SMB-R
MBR2200G-SMB-R
SMB
K
A
Tape Reel
MBR2200L-SMC-R
MBR2200G-SMC-R
SMC
K
A
Tape Reel
MBR2200L-Z21D-B
MBR2200G-Z21D-B
DO-201AD
K
A
Tape Box
Note: Pin Assignment: A: Anode
K: Cathode
MARKING
DO-201AD
SMB / SMC
MBR2200
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only
Date Code
Cathode Band for
uni-directional Only
UTC
R2200
L: Lead Free
G: Halogen Free


Similar Part No. - MBR2200L-Z21D-B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR2200 PANJIT-MBR2200 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MBR2200 TAYCHIPST-MBR2200 Datasheet
4Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
MBR2200 ZSELEC-MBR2200 Datasheet
136Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Gaomi Xinghe Electronic...
MBR2200CT GXELECTRONICS-MBR2200CT Datasheet
881Kb / 2P
   20.0AMPS. Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
MBR2200F AITSEMI-MBR2200F Datasheet
476Kb / 6P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
More results

Similar Description - MBR2200L-Z21D-B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com