Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW50N65R5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IHW50N65R5
Description  Qualified according to JESD-022 for target applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW50N65R5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IHW50N65R5 Datasheet HTML 1Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 2Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 3Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 4Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 5Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 6Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 7Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 8Page - Infineon Technologies AG IHW50N65R5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
IHW50N65R5
ResonantSwitchingSeries
Rev.2.3,2014-12-16
MaximumRatings
Foroptimumlifetimeandreliability,Infineonrecommendsoperatingconditionsthatdonotexceed80%ofthemaximumratingsstatedinthisdatasheet.
Parameter
Symbol
Value
Unit
Collector-emittervoltage,Tvj
≥25°C
VCE
650
V
DCcollectorcurrent,limitedbyTvjmax
TC=25°Cvaluelimitedbybondwire
TC=100°C
IC
80.0
50.0
A
Pulsedcollectorcurrent,tplimitedbyTvjmax
ICpuls
150.0
A
Turn off safe operating area
VCE
≤650V,Tvj≤175°C,tp=1µs
-
150.0
A
Diodeforwardcurrent,limitedbyTvjmax
TC=25°Cvaluelimitedbybondwire
TC=100°C
IF
37.0
22.0
A
Diodepulsedcurrent,tplimitedbyTvjmax
IFpuls
150.0
A
Gate-emitter voltage
VGE
±20
V
PowerdissipationTC=25°C
PowerdissipationTC=100°C
Ptot
282.0
141.0
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
wave soldering 1.6mm (0.063in.) from case for 10s
260
°C
Mounting torque, M3 screw
Maximum of mounting processes: 3
M
0.6
Nm
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
IGBT thermal resistance,
junction - case
Rth(j-c)
0.53
K/W
Diode thermal resistance,
junction - case
Rth(j-c)
2.29
K/W
Thermal resistance
junction - ambient
Rth(j-a)
40
K/W


Similar Part No. - IHW50N65R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW50N65R6 INFINEON-IHW50N65R6 Datasheet
1Mb / 16P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.20 2021-03-23
More results

Similar Description - IHW50N65R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW15E65D2 INFINEON-IDW15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDP40E65D2 INFINEON-IDP40E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-03-31
IDP08E65D2 INFINEON-IDP08E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-28
IDP15E65D2 INFINEON-IDP15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDW40E65D2 INFINEON-IDW40E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.1,2013-12-16
IDW50E60 INFINEON-IDW50E60 Datasheet
1Mb / 11P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-02-24
IPD03N03LA INFINEON-IPD03N03LA Datasheet
304Kb / 9P
   Ideal for high-frequency dc/dc converters Qualified according to JEDEC for target applications
Rev. 0.93 2004-10-27
logo
Murata Manufacturing Co...
935174730410-XXA MURATA1-935174730410-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100.
Last updated06/13/2022
935174732547-XXA MURATA1-935174732547-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100.
Last updated06/13/2022
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com