Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW20N65R5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IHW20N65R5
Description  very tight parameter distribution
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW20N65R5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IHW20N65R5 Datasheet HTML 1Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 2Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 3Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 4Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 5Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 6Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 7Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 8Page - Infineon Technologies AG IHW20N65R5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
IHW20N65R5
ResonantSwitchingSeries
Rev.2.2,2014-11-27
MaximumRatings
Foroptimumlifetimeandreliability,Infineonrecommendsoperatingconditionsthatdonotexceed80%ofthemaximumratingsstatedinthisdatasheet.
Parameter
Symbol
Value
Unit
Collector-emittervoltage,Tvj
≥25°C
VCE
650
V
DCcollectorcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IC
40.0
20.0
A
Pulsedcollectorcurrent,tplimitedbyTvjmax
ICpuls
60.0
A
Turn off safe operating area
VCE
≤650V,Tvj≤175°C,tp=1µs
-
60.0
A
Diodeforwardcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IF
19.0
10.0
A
Diodepulsedcurrent,tplimitedbyTvjmax
IFpuls
60.0
A
Gate-emitter voltage
VGE
±20
V
PowerdissipationTC=25°C
PowerdissipationTC=100°C
Ptot
150.0
75.0
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
wave soldering 1.6mm (0.063in.) from case for 10s
260
°C
Mounting torque, M3 screw
Maximum of mounting processes: 3
M
0.6
Nm
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
IGBT thermal resistance,
junction - case
Rth(j-c)
1.00
K/W
Diode thermal resistance,
junction - case
Rth(j-c)
4.68
K/W
Thermal resistance
junction - ambient
Rth(j-a)
40
K/W


Similar Part No. - IHW20N65R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
More results

Similar Description - IHW20N65R5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
EUROQUARTZ limited
T1249 EUROQUARTZ-T1249 Datasheet
119Kb / 1P
   Very Rugged TCXO, Tight Stability
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Belden Inc.
FI1D006P9 BELDEN-FI1D006P9 Datasheet
217Kb / 2P
   Indoor Plenum OM1 Distribution Tight Buffer 6 Fibers
0.48
FI3D006P9 BELDEN-FI3D006P9 Datasheet
218Kb / 2P
   Indoor Plenum OM3 Distribution Tight Buffer 6 Fibers
0.176
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com