Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51124 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS51124
Description  TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51124 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51124_15 Datasheet HTML 1Page - Texas Instruments TPS51124_15 Datasheet HTML 2Page - Texas Instruments TPS51124_15 Datasheet HTML 3Page - Texas Instruments TPS51124_15 Datasheet HTML 4Page - Texas Instruments TPS51124_15 Datasheet HTML 5Page - Texas Instruments TPS51124_15 Datasheet HTML 6Page - Texas Instruments TPS51124_15 Datasheet HTML 7Page - Texas Instruments TPS51124_15 Datasheet HTML 8Page - Texas Instruments TPS51124_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS51124
www.ti.com
SLVS616C – NOVEMBER 2005 – REVISED DECEMBER 2014
6.4
Electrical Characteristics
over operating free-air temperature range, V5IN = V5FILT = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
V5FILT current, no load,
IV5FILT
V5FILT supply current
EN1 = EN2 = 5 V, VFB1 = VFB2 = 0.77 V,
350
700
μA
LL1=LL2=0.5V
IV5INSDN
V5IN shutdown current
V5IN current, no load, EN1 = EN2 = 0 V
1
μA
IV5FILTSD
V5FILT shutdown current
V5FILT current, no load, EN1 = EN2 = 0 V
1
μA
N
VFB VOLTAGE and DISCHARGE RESISTANCE
VVFB
VFB regulation voltage
FB voltage, skip mode (fPWM/10)
764
mV
TA = 25°C, bandgap initial accuracy
–0.9%
0.9%
VFB regulation voltage
VVFB
TA = 0°C to 85°C
(1)
–1.3%
1.3%
tolerance
TA = –40°C to 85°C
(1)
–1.6%
1.6%
VFB regulation shift in
0.758-V target for resistor divider. See PWM Operation of
VVFBSKIP
758
mV
continuous conduction
Detailed Description(1)
IVFB
VFB input current
VFBx = 0.758 V, absolute value
0.02
0.1
μA
RDischg
VO discharge resistance
ENx = 0 V, VOx = 0.5 V, TA = 25°C
10
20
OUTPUT: N-CHANEEL MOSFET GATE DRIVERS
Source, VVBSTx–DRVHx = 0.5 V
5
7
RDRVH
DRVH resistance
Sink, VDRVHx-LLx= 0.5 V
1.5
2.5
Source, VV5IN–DRVLx = 0.5 V
4
6
RDRVL
DRVL resistance
Sink, VDRVLx–PGNDx = 0.5 V
1
2.0
DRVHx-low (DRVHx = 1 V) to DRVLx-on
10
20
50
ns
(DRVLx = 4 V), LL = –0.05 V,
TD
Dead time
DRVLx-low (DRVLx = 1 V) to DRVHx-on
30
40
60
ns
(DRVHx = 4 V), LL = –0.05 V,
INTERNAL BST DIODE
VFBST
Forward voltage
VV5IN–VBSTx, IF = 10 mA, TA = 25°C
0.7
0.8
0.9
V
VBST = 34 V, LL = 28 V, VOx = 5.5 V,
IVBSTLK
VBST leakage current
0.1
1
μA
TA = 25°C
ON-TIME TIMER CONTROL AND INTERNAL SOFT START,
TON11
CH1, 240-kHz setting
VO1 = 1.5 V,TONSEL = GND, LL1 = 12 V
440
500
560
ns
TON12
CH1, 300-kHz setting
VO1 = 1.5 V, TONSEL = FLOAT, LL1 = 12 V
340
390
440
ns
TON13
CH1, 360-kHz setting
VO1 = 1.5 V,TONSEL = V5FILT, LL1 = 12 V
265
305
345
ns
TON21
CH2, 300-kHz setting
VO2 = 1.05 V, TONSEL = GND, LL2 = 12 V
235
270
305
ns
TON22
CH2, 360-kHz setting
VO2 = 1.05 V, TONSEL = FLOAT, LL2 = 12 V
180
210
240
ns
TON23
CH2, 420-kHz setting
VO2 = 1.05 V, TONSEL = V5FILT, LL2 = 12 V
120
150
180
ns
TON(MIN)
CH2 On time
VO2 = 0.76 V, TONSEL = V5FILT, LL2 = 28 V
80
110
140
ns
TOFF(MIN) CH1/CH2 Min. off time
LL = –0.1 V, TA= 25°C, VFB = 0.7 V
435
ns
Internal soft start, time from ENx > 3 V to VFBx regulation value =
Tss
Internal SS time
0.85
1.2
1.40
ms
735 mV
UVLO/LOGIC THRESHOLD
Wake up
3.7
4.0
4.3
VUV5VFILT V5FILT UVLO threshold
V
Hysteresis
0.2
0.3
0.4
Wake up
1.0
1.3
1.5
VEN
ENx threshold
V
Hysteresis
0.2
IEN
ENx input current
Absolute value(2)
0.02
0.1
μA
(1)
Specified by design. Not production tested.
(2)
Ensured by design. Not production tested.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS51124


Similar Part No. - TPS51124_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51124RGER TI-TPS51124RGER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124RGERG4 TI-TPS51124RGERG4 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124RGET TI-TPS51124RGET Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124RGETG4 TI-TPS51124RGETG4 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS51124_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com