Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40428 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS40428
Description  TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40428 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40428_15 Datasheet HTML 7Page - Texas Instruments TPS40428_15 Datasheet HTML 8Page - Texas Instruments TPS40428_15 Datasheet HTML 9Page - Texas Instruments TPS40428_15 Datasheet HTML 10Page - Texas Instruments TPS40428_15 Datasheet HTML 11Page - Texas Instruments TPS40428_15 Datasheet HTML 12Page - Texas Instruments TPS40428_15 Datasheet HTML 13Page - Texas Instruments TPS40428_15 Datasheet HTML 14Page - Texas Instruments TPS40428_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
200
400
600
800
1000
1200
1400
0
10
20
30
40
50
60
70
80
90
100
RT Timing Resistance (k
Ÿ)
Temp=-40c
Temp=25c
Temp=125c
C004
TJ = ±40°C
TJ = 25°C
TJ = 125°C
VVDD = 12 V
400
450
500
550
600
650
700
750
800
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Junction Temperature (
ƒC)
OV
UV
C002
3.0
3.5
4.0
4.5
5.0
5.5
6.0
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Junction Temperature (
ƒC)
Vdd=4.5V
Vdd=12V
Vdd=20V
C006
VVDD = 4.5 V
VVDD = 12 V
VVDD = 20 V
TPS40428
www.ti.com
SLUSBV0A – MAY 2014 – REVISED JULY 2014
Typical Characteristics (continued)
VOUT = 600 mV
Default threshold settings
Figure 8. BP5 Voltage vs Junction Temperature
Figure 7. Overvoltage and Undervoltage Thresholds vs
Junction Temperature
Figure 9. Timing Resistance vs Switching Frequency
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS40428


Similar Part No. - TPS40428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS40422RHA TI1-TPS40422RHA Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
TPS40422RHAR TI1-TPS40422RHAR Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422RHAR TI1-TPS40422RHAR Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
More results

Similar Description - TPS40428_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
[Old version datasheet]   TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Renesas Technology Corp
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
logo
Renesas Technology Corp
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
logo
Texas Instruments
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com