Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40222 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS40222
Description  1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 쨈 3 mm SON PACKAGE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40222 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40222_15 Datasheet HTML 2Page - Texas Instruments TPS40222_15 Datasheet HTML 3Page - Texas Instruments TPS40222_15 Datasheet HTML 4Page - Texas Instruments TPS40222_15 Datasheet HTML 5Page - Texas Instruments TPS40222_15 Datasheet HTML 6Page - Texas Instruments TPS40222_15 Datasheet HTML 7Page - Texas Instruments TPS40222_15 Datasheet HTML 8Page - Texas Instruments TPS40222_15 Datasheet HTML 9Page - Texas Instruments TPS40222_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TJ − Junction Temperature − °C
−50
−25
0
25
75
100
125
50
802
801
803
799
798
800
797
5
4
8
9
6
7
802
801
803
799
798
800
797
VIN − Input Voltage − V
0.1
0.3
1.3
0.5
1.1
0.9
0.7
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VIN = 5 V
VFB − Feedback Voltage − V
VIN − Input Voltage − V
4
5
6
7
8
9
1.20
1.22
1.24
1.26
1.28
1.30
VFB = 0.8 V
TPS40222
SLUS642A – OCTOBER 2005 – REVISED JANUARY 2006
FEEDBACK VOLTAGE
FEEDBACK VOLTAGE
vs
vs
INPUT VOLTAGE (NO LOAD)
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
OSCILLATOR FREQUENCY
OSCILLATOR FREQUENCY
vs
vs
FEEDBACK VOLTAGE
INPUT VOLTAGE
Figure 3.
Figure 4.
6


Similar Part No. - TPS40222_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40222DRPR TI-TPS40222DRPR Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TPS40222DRPRG4 TI-TPS40222DRPRG4 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TPS40222DRPT TI-TPS40222DRPT Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TPS40222DRPTG4 TI-TPS40222DRPTG4 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
More results

Similar Description - TPS40222_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40222 TI-TPS40222 Datasheet
700Kb / 26P
[Old version datasheet]   1.6-A, 1.25-MHz BUCK CONVERTER IN A 3 mm 3 mm SON PACKAGE
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com