Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40200-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS40200-Q1
Description  WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40200-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40200-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 14Page - Texas Instruments TPS40200-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
2
8
5
+
+
+
S Q
Q
R
Latched
Fault
150mV
V
IN
SS
GND
+
Fault
TPS40200
100mV
Reset
Fault
7
ISNS
Enable
EAMP
+ 300mV
EAMP
SSRef
V
S-S
100kW
300
kW
TPS40200-Q1
www.ti.com
SLUS739E – SEPTEMBER 2006 – REVISED JULY 2013
Current-Limit Resistor Selection
As shown in Figure 31, a resistor in series with the power MOSFET sets the overcurrent protection level. Use a
low-inductance resistor to avoid problems with ringing signals and nuisance tripping. When the FET is on and the
controller senses 100 mV or more drop from the VDD pin to the ISNS pin, an overcurrent condition is declared.
When this happens, the FET is turned off and, as shown in Figure 30, the soft-start capacitor is discharged.
When the soft-start capacitor reaches a level below 150 mV, the converter clears the overcurrent condition flag
and attempts to restart. If the condition that caused the overcurrent event to occur is still present on the output of
the converter (see Figure 29), another overcurrent condition is declared and the process repeats indefinitely.
Figure 29 shows the soft-start capacitor voltage during an extended output fault condition. The overall duty cycle
of current conduction during a persistent fault is approximately 2%.
Figure 29. Typical Soft-Start Capacitor and VOUT During Overcurrent
Figure 30. Current-Limit Reset
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS40200-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
More results

Similar Description - TPS40200-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1 Datasheet
616Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-Q1 TI1-TPS40200-Q1_16 Datasheet
1,016Kb / 40P
[Old version datasheet]   Wide-Input-Range Nonsynchronous Voltage-Mode Controller
TPS40200-EP TI-TPS40200-EP_08 Datasheet
1,023Kb / 41P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI1-TPS40200-HT Datasheet
910Kb / 45P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-EP TI-TPS40200-EP_15 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200-HT TI-TPS40200-HT_15 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com