Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40170MRGYTEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40170MRGYTEP
Description  4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40170MRGYTEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS40170MRGYTEP Datasheet HTML 6Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 7Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 8Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 9Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 10Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 11Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 12Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 13Page - Texas Instruments TPS40170MRGYTEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
11.45
11.50
11.55
11.60
11.65
11.70
11.75
11.80
11.85
−60 −45 −30 −15 0
15
30
45
60
75
90 105 120 135
Junction Temperature (°C)
Temp Range: −55°C to 125°C
VSS > 0.5 V
G011
50.50
50.75
51.00
51.25
51.50
51.75
52.00
52.25
52.50
52.75
53.00
−60 −45 −30 −15 0
15
30
45
60
75
90 105 120 135
Junction Temperature (°C)
Temp Range: −55°C to 125°C
VSS < 0.5 V
G012
4.08
4.09
4.10
4.11
4.12
4.13
4.14
−60 −45 −30 −15 0
15
30
45
60
75
90 105 120 135
Junction Temperature (°C)
Temp Range: −55°C to 125°C
G009
260
265
270
275
280
285
290
295
300
305
310
−60 −45 −30 −15 0
15
30
45
60
75
90 105 120 135
Junction Temperature (°C)
Temp Range: −55°C to 125°C
G010
900.0
900.5
901.0
901.5
902.0
902.5
903.0
−60 −45 −30 −15 0
15
30
45
60
75
90 105 120 135
Junction Temperature (°C)
Temp Range: −55°C to 125°C
G007
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
5.12
−60 −45 −30 −15 0
15
30
45
60
75
90 105 120 135
Junction Temperature (°C)
Temp Range: −55°C to 125°C
G008
TPS40170-EP
SLVSBT7A – MARCH 2013 – REVISED APRIL 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 8. UVLO On Voltage vs Junction Temperature
Figure 9. UVLO Hysteresis Current vs Junction
Temperature
Figure 10. VBP Turnon Voltage vs Junction Temperature
Figure 11. VBP UVLO Hysteresis Voltage
Figure 12. Soft-Start Source Current vs Junction
Figure 13. Soft-Start Source Current vs Junction
Temperature (VSS > 0.5 V)
Temperature (VSS < 0.5 V)
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS40170-EP


Similar Part No. - TPS40170MRGYTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170 TI1-TPS40170 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40170-Q1 TI-TPS40170-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170RGYR TI1-TPS40170RGYR Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
More results

Similar Description - TPS40170MRGYTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40490 TI1-TPS40490 Datasheet
1Mb / 38P
[Old version datasheet]   5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com