Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS611L1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS611L1
Description  Fast demagnetization of inductive loads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS611L1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS611L1_13 Datasheet HTML 1Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 2Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 3Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 4Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 5Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 6Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 7Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 8Page - Infineon Technologies AG BTS611L1_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BTS611L1
Data Sheet
2
2013-10-11
Pin
Symbol
Function
1
OUT1 (Load, L)
Output 1, protected high-side power output of channel 1
2
GND
Logic ground
3
IN1
Input 1, activates channel 1 in case of logical high signal
4
Vbb
Positive power supply voltage,
the tab is shorted to this pin
5
ST
Diagnostic feedback: open drain, low on failure
6
IN2
Input 2, activates channel 2 in case of logical high signal
7
OUT2 (Load, L)
Output 2, protected high-side power output of channel 2
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
43
V
Supply voltage for short circuit protection
Tj Start=-40 ...+150°C
Vbb
34
V
Load dump protection2) VLoadDump = UA + Vs, UA = 13.5 V
RI3)= 2 , RL= 5.3 , td= 200 ms, IN= low or high
VLoad dump4)
60
V
Load current (Short circuit current, see page 5)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC), TC  25 °C
Ptot
36
W
Inductive load switch-off energy dissipation, single pulse
Vbb = 12V, Tj,start = 150°C, TC = 150°C const.
one channel, IL = 2.3 A, ZL = 89 mH, 0 :
EAS
290
mJ
both channels parallel, IL = 4.4 A, ZL = 47 mH, 0 :
580
see diagrams on page 9
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
all other pins:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
VESD
1.0
2.0
kV
Input voltage (DC)
VIN
-10 ... +16
V
Current through input pin (DC)
Current through status pin (DC)
see internal circuit diagrams page 7
IIN
IST
2.0
5.0
mA
2
)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a
150
 resistor in the GND connection and a 15 k resistor in series with the status pin. A resistor for the
protection of the input is integrated.
3)
RI = internal resistance of the load dump test pulse generator
4)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839


Similar Part No. - BTS611L1_13

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1E3128A SIEMENS-BTS611L1E3128A Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1E3128A INFINEON-BTS611L1E3128A Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS611L1E3230 SIEMENS-BTS611L1E3230 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
More results

Similar Description - BTS611L1_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS409L1 INFINEON-BTS409L1_13 Datasheet
310Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS612N1 INFINEON-BTS612N1_13 Datasheet
423Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS621L1 INFINEON-BTS621L1_13 Datasheet
353Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS410F2 INFINEON-BTS410F2_13 Datasheet
477Kb / 14P
   Fast demagnetization of inductive loads
2013-10-15
BTS426L1 INFINEON-BTS426L1_13 Datasheet
459Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS410E2 INFINEON-BTS410E2_13 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
logo
Maxim Integrated Produc...
MAX14916EVKIT MAXIM-MAX14916EVKIT Datasheet
3Mb / 13P
   Fast Inductive Load Demagnetization
Rev 0; 9/19
logo
Infineon Technologies A...
ITS42008-SB-D INFINEON-ITS42008-SB-D Datasheet
2Mb / 26P
   Switching all types of resistive, inductive and capacitive loads
Rev 1.01, 2014-05-19
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com