Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12137 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C12137
Description  High accuracy, high sensitivity, compact radiation detection module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C12137 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C12137_15 Datasheet HTML 1Page - Hamamatsu Corporation C12137_15 Datasheet HTML 2Page - Hamamatsu Corporation C12137_15 Datasheet HTML 3Page - Hamamatsu Corporation C12137_15 Datasheet HTML 4Page - Hamamatsu Corporation C12137_15 Datasheet HTML 5Page - Hamamatsu Corporation C12137_15 Datasheet HTML 6Page - Hamamatsu Corporation C12137_15 Datasheet HTML 7Page - Hamamatsu Corporation C12137_15 Datasheet HTML 8Page - Hamamatsu Corporation C12137_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Radiation detection modules
C12137 series
High accuracy, high sensitivity, compact radiation
detection module
1
www.hamamatsu.com
Environmental monitoring and mapping
Gamma ray energy discrimination
Incorporation into portable, high-sensitivity detectors
Compact and lightweight
Screening such as incoming and outgoing inspec-
tions at manufacturing sites
Modular design for easy integration into devices
Features
Applications
The C12137 series is a radiation detection module containing a scintillator and MPPC® (multi-pixel photon counter) designed to
detect gamma rays from 137Cs (Cesium-137) and the like. The scintillator converts incident gamma rays into visible light, and
the MPPC detects the light down to extremely low light levels to measure low-energy gamma rays with high accuracy. The sig-
nal processing circuit and A/D converter are housed in a compact case. The modules provide a USB or RS-232C interface. The
products include sample software with functions for setting measurement conditions, acquiring and saving data, and drawing
graphs, etc.
Lineup
A total of eight types in four different sizes and two interfaces
(USB and RS-232C) are available that you can choose from ac-
cording to your application.
*
The characteristics are the same between the USB type and
RS-232C type (the software specifications are different).
C12137-08
Real-time food inspection
Portable, high sensitivity detectors
monitoring posts
Real-time food inspection
Food inspection
C12137
C12137-10
C12137-01
C12137-08D
C12137-00D
C12137-10D
C12137-01D
Structure
Parameter
C12137
C12137-01
C12137-08
C12137-10
Unit
Dimensions (W × D × H)
110 × 55 × 27
71 × 55 × 60.5
112 × 94 × 53.3
122 × 122 × 53.3
mm
Weight
120
320
1130
1570
g
Detector
MPPC
-
Scintillator
CsI (Tl)
-
Scintillator size (W × D × H)
13 × 13 × 20
38 × 38 × 25
80 × 80 × 25
ɸ110 × 25
mm
Sampling time
1 to 60 s, adjustable
-
Interface
USB 2.0 (Full Speed)
-
Compatible OS
Windows 7 SP1 (32-bit, 64-bit)
-
Power supply
USB bus power (150 mA typ., 500 mA max.)
-
USB type


Similar Part No. - C12137_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
C1213 HITACHI-C1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
More results

Similar Description - C12137_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Amphenol Wilcoxon Sensi...
728A WILCOXON-728A Datasheet
246Kb / 1P
   High sensitivity, compact accelerometers
Rev.B.1 09/18
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
logo
MultiDimension Technolo...
GE-T MULTIDIMENSION-GE-T Datasheet
1Mb / 10P
   High Sensitivity, High Speed, High Accuracy TMR Geartooth Encoders
Version 2.0.2
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com