Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40090 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40090
Description  HIGH-FREQUENCY MULTIPHASE CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40090 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40090 Datasheet HTML 1Page - Texas Instruments TPS40090 Datasheet HTML 2Page - Texas Instruments TPS40090 Datasheet HTML 3Page - Texas Instruments TPS40090 Datasheet HTML 4Page - Texas Instruments TPS40090 Datasheet HTML 5Page - Texas Instruments TPS40090 Datasheet HTML 6Page - Texas Instruments TPS40090 Datasheet HTML 7Page - Texas Instruments TPS40090 Datasheet HTML 8Page - Texas Instruments TPS40090 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PW
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CS1
CS2
CS3
CS4
CSCN
ILIM
DROOP
REF
COMP
FB
DIFFO
VOUT
EN/SYNC
VIN
BP5
PWM1
PWM2
PWM3
PWM4
GND
RT
SS
PGOOD
GNDS
TPS40090-Q1
www.ti.com
SLUS845C
– JUNE 2008 – REVISED MAY 2011
HIGH-FREQUENCY MULTIPHASE CONTROLLER
Check for Samples: TPS40090-Q1
1
FEATURES
APPLICATIONS
2
Qualified for Automotive Applications
Internet Servers
Two-, Three-, or Four-Phase Operation
Network Equipment
5-V to 15-V Operating Range
Telecommunications Equipment
Programmable Switching Frequency Up to
DC Power Distributed Systems
1-MHz/Phase
PW PACKAGE
Current Mode Control With Forced Current
(TOP VIEW)
Sharing (1)
1% Internal 0.7-V Reference
Resistive Divider Set Output Voltage
True Remote Sensing Differential Amplifier
Resistive or DCR Current Sensing
Current Sense Fault Protection
Programmable Load Line
Compatible with UCC37222 Predictive Gate
Drive
™ Technology Drivers
24-Pin Space-Saving TSSOP Package
Binary Outputs
(1)
Patent pending
DESCRIPTION
The TPS40090 is a two-, three-, or four-phase programmable synchronous buck controller that is optimized for
low-voltage, high-current applications powered by a 5-V to 15-V distributed supply. A multi-phase converter offers
several advantages over a single power stage including lower current ripple on the input and output capacitors,
faster transient response to load steps, improved power handling capabilities, and higher system efficiency.
Each phase can be operated at a switching frequency up to 1-MHz, resulting in an effective ripple frequency of
up to 4-MHz at the input and the output in a four-phase application. A two-phase design operates 180
° out of
phase, a three-phase design operates 120
° out of phase, and a four-phase design operates 90° out of phase, as
shown in Figure 1.
The number of phases is programmed by connecting the deactivated phase PWM output to the output of the
internal 5-V LDO. In two-phase operation the even phase outputs should be deactivated.
The TPS40090 uses fixed frequency, peak current mode control with forced phase current balancing. When
compared to voltage mode control, current mode results in a simplified feedback network and reduced input line
sensitivity. Phase current is sensed by using either current sense resistors installed in series with output
inductors or, for improved efficiency, by using the DCR (direct current resistance) of the filter inductors. The latter
method involves generation of a current proportional signal with an R-C circuit (shown in Figure 11).
The R-C values are selected by matching the time constants of the R-C circuit and the inductor; R-C = L/DCR.
With either current sense method, the current signal is amplified and superimposed on the amplified voltage error
signal to provide current mode PWM control.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Predictive Gate Drive is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2008–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090PWG4 TI1-TPS40090PWG4 Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090PWR TI1-TPS40090PWR Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Similar Description - TPS40090

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com