Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS426L1 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS426L1
Description  Fast demagnetization of inductive loads
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS426L1 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS426L1_13 Datasheet HTML 2Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 3Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 4Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 5Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 6Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 7Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 8Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 9Page - Infineon Technologies AG BTS426L1_13 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BTS426L1
Data Sheet
6
2013-10-10
Truth Table
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal after the time delay shown in the diagrams (see fig 5. page 11...12)
13
) Power Transistor off, high impedance
14
) with external resistor between pin 3 and pin 5
15
)
An external short of output to Vbb, in the off state, causes an internal current from output to ground. If RGND is used, an offset
voltage at the GND and ST pins will occur and the VST low signal may be errorious.
16
) Low resistance to V
bb may be detected in ON-state by the no-load-detection
Terms
PROFET
V
IN
ST
OUT
GND
bb
VST
V
IN
I ST
I IN
V
bb
Ibb
I L
VOUT
I
GND
VON
1
2
4
3
5
R
GND
Input circuit (ESD protection)
IN
GND
I
R
ESD-ZD
I
I
I
ESD zener diodes are not to be used as voltage clamp at DC
conditions. Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).
Status output
ST
GND
ESD-
ZD
+5V
R
ST(ON)
ESD-Zener diode: 6.1 V typ., max 5 mA; RST(ON) < 380  at 1.6
mA, ESD zener diodes are not to be used as voltage clamp at DC
conditions. Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).
Inductive and overvoltage output clamp
+ Vbb
OUT
GND
P R O FE T
V
Z
V
ON
VON clamped to 47 V typ.
Input-
Output
Status
level
level
426L1
Normal
operation
L
H
L
H
H
H
Open load
L
H
13)
H
H (L
14
))
L
Short circuit to
Vbb
L
H
H
H
L
15
)
H (L
16
))
Overtem-
perature
L
H
L
L
H
L
Undervoltage
L
H
L
L
H
H
Overvoltage
L
H
L
L
H
H


Similar Part No. - BTS426L1_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS426L1E3043 INFINEON-BTS426L1E3043 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS426L1E3062A INFINEON-BTS426L1E3062A Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS426L1_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS409L1 INFINEON-BTS409L1_13 Datasheet
310Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS612N1 INFINEON-BTS612N1_13 Datasheet
423Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS621L1 INFINEON-BTS621L1_13 Datasheet
353Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS410F2 INFINEON-BTS410F2_13 Datasheet
477Kb / 14P
   Fast demagnetization of inductive loads
2013-10-15
BTS611L1 INFINEON-BTS611L1_13 Datasheet
438Kb / 14P
   Fast demagnetization of inductive loads
2013-10-11
BTS410E2 INFINEON-BTS410E2_13 Datasheet
418Kb / 15P
   Fast demagnetization of inductive loads
2013-10-15
logo
Maxim Integrated Produc...
MAX14916EVKIT MAXIM-MAX14916EVKIT Datasheet
3Mb / 13P
   Fast Inductive Load Demagnetization
Rev 0; 9/19
logo
Infineon Technologies A...
ITS42008-SB-D INFINEON-ITS42008-SB-D Datasheet
2Mb / 26P
   Switching all types of resistive, inductive and capacitive loads
Rev 1.01, 2014-05-19
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com