Electronic Components Datasheet Search |
|
BTS410E2 Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
BTS410E2 Datasheet(HTML) 6 Page - Infineon Technologies AG |
6 / 15 page BTS410E2 Data Sheet 6 2013-10-15 Truth Table Input- Output Status level level 412 B2 410 D2 410 E2/F2 410 G2 410 H2 Normal operation L H L H H H H H H H H H H H Open load L H 13) H L H H L H L H L L H Short circuit to GND L H L L H L H L H L H H H L Short circuit to Vbb L H H H L H H H (L 14 )) H H (L14)) H H (L14)) L H Overtem- perature L H L L L L L L L L L L L L Under- voltage L H L L L15) L15) L 15 ) L15) H H H H H H Overvoltage L H L L L L L L H H H H H H L = "Low" Level X = don't care Z = high impedance, potential depends on external circuit H = "High" Level Status signal after the time delay shown in the diagrams (see fig 5. page 12...13) 13 ) Power Transistor off, high impedance, versions BTS 410H, BTS 412B: internal pull up current source for open load detection. 14 ) Low resistance short Vbb to output may be detected in ON-state by the no-load-detection 15 ) No current sink capability during undervoltage shutdown Terms PROFET V IN ST OUT GND bb VST V IN I ST I IN V bb Ibb I L VOUT I GND VON 1 2 4 3 5 R GND Input circuit (ESD protection) IN GND I R ZD ZD I I I1 I2 ESD- ZDI1 6 V typ., ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V). Status output ST GND ESD- ZD +5V R ST(ON) ESD-Zener diode: 6 V typ., max 5 mA; RST(ON) < 250 at 1.6 mA, ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V). |
Similar Part No. - BTS410E2_13 |
|
Similar Description - BTS410E2_13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |