Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R12829 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R12829
Description  800 nm High Sensitivity Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R12829 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R12829_15 Datasheet HTML 1Page - Hamamatsu Corporation R12829_15 Datasheet HTML 2Page - Hamamatsu Corporation R12829_15 Datasheet HTML 3Page - Hamamatsu Corporation R12829_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2014 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
PHOTOMULTIPLIER TUBE
R12829
TPMSB0252EA
TPMSB0253EA
10
20
30
40
50
60
70
80
0
700
800
750
850
900
WAVELENGTH (nm)
About
1.6
Times
About
1.5
Times
R12829
R3896
100
0.01
0.1
1
10
100
200
300
400
500
WAVELENGTH (nm)
600
700
800
900
CATHODE RADIANT SENSITIVITY
QUANTUM EFFICIENCY
R3896
R12829
FEATURES
GHigh Sensitivity
Radiant at 800 nm .........................
Quantum Efficiency at 800 nm ............
Luminous .....................................
GWide Spectral Response .............
GHigh Signal to Noise Ratio
GPin Compatible with 1-1/8 Side-on PMTs
APPLICATIONS
GBiomedical Analysis
Flow Cytometer, Blood Analyzer, DNA Sequencer
GEnvironmental Monitoring
NOx Analyzer
GSpectroscopy
Fluorescence Spectrometer, Raman Spectrometer,
UV–VIS Spectrometer
GMicroscopy
65 mA/W (Typ.)
10 % (Typ.)
650
µA/lm (Typ.)
185 nm to 900 nm
800 nm High Sensitivity Multialkali Photocathode
28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
Figure 1: Spectral Response
Figure 2: SN Ratio Comparison (Simulation)
GCondition
GResult
10
20
30
40
50
60
70
80
90
100
0
700
800
750
850
900
WAVELENGTH (nm)
R3896
R12829
EMISSION
SPECTRA
800 nm
± 30 nm
INPUT
LIGHT
SPECTRUM
THE SHOT NOISE
HISTOGRAM OF THE SHOT NOISE
± σ R12829
± σ R3896
R3896
R12829
1.3
Times


Similar Part No. - R12829_15

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1282D002A RICOH-R1282D002A Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
R1282D002A-TR RICOH-R1282D002A-TR Datasheet
329Kb / 18P
   2CH PWM DC/DC CONTROLLER
More results

Similar Description - R12829_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R928 HAMAMATSU-R928_15 Datasheet
183Kb / 4P
   Extended Red, High Sensitivity, Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
   13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
R9876 HAMAMATSU-R9876 Datasheet
241Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R11568 HAMAMATSU-R11568 Datasheet
140Kb / 2P
   28 mm (1-1/8 Inch) Diameter, 9-stage, Bialkali Photocathode, Side-on Type High Gain and Low Dark Current
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
   Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
R1463 HAMAMATSU-R1463_15 Datasheet
49Kb / 2P
   13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R5108 HAMAMATSU-R5108_03 Datasheet
205Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Transmission Mode S-1 Photocathode, Side-on Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R11715-01 HAMAMATSU-R11715-01_15 Datasheet
112Kb / 2P
   28 mm (1-1/8 Inch) Diameter, 9-stage, Side-on Type Low Noise Bialkali Photocathode UV Glass, With a Peltier Device Thermistor, and Insulation Cover Case Attached
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com