Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8369 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S8369
Description  Sunlight sensor suitable for automotive use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8369 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S8369_15 Datasheet HTML 1Page - Hamamatsu Corporation S8369_15 Datasheet HTML 2Page - Hamamatsu Corporation S8369_15 Datasheet HTML 3Page - Hamamatsu Corporation S8369_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sun sensor
S8369
3
Dimensional outline (unit: mm)
22.0 ± 0.2
24.7 ± 0.2
HPK
>PC<
R11
Left
Right
Front
R11
Cover
Material: PC
Color: Smoky gray
Connector (2P-M)
Shape: AMP 174057-2
Material: PBT
Color: Black
Front
Rear
Rear
17
+0
-0.2
15.0
+0
-0.2
5.0
+0
-0.2
KSPDA0150EA
KSPDA0208EA
Recommended installation panel (unit: mm)
15
A-A’ cross section
A
A
2.7
2.2
+0.5
-0.0
+0.1
-0.1
+
+
0.4
0.2
(25.5)
(28.7)


Similar Part No. - S8369_15

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8369 SATCO-S8369 Datasheet
123Kb / 1P
   13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2GX7(4-Pin) base
More results

Similar Description - S8369_15

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
JW-13 AMPHENOL-JW-13 Datasheet
80Kb / 4P
   Suitable for use in conditions of high
logo
Cynergy3 Co
LITTLE-EX CYNERGY3-LITTLE-EX Datasheet
725Kb / 1P
   This series is for use in hazardous areas This is suitable for use in water
logo
BRIGHT LED ELECTRONICS ...
BL-R313P BRIGHT-BL-R313P Datasheet
130Kb / 2P
   GaAsP /GaP Yellow Most suitable for use like level indicator.
BL-R213P BRIGHT-BL-R213P Datasheet
145Kb / 2P
   GaP/GaP Green Most suitable for use like level indicator.
logo
Epson ToYoCom
XV-9100LV EPSONTOYOCOM-XV-9100LV Datasheet
255Kb / 1P
   GYRO Sensor for Automotive
XV-9100CD EPSONTOYOCOM-XV-9100CD Datasheet
257Kb / 1P
   GYRO Sensor for Automotive
logo
Epson Company
XV-8000CB EPSON-XV-8000CB Datasheet
382Kb / 2P
   GYRO SENSOR FOR AUTOMOTIVE
XV-9100CD EPSON-XV-9100CD Datasheet
809Kb / 2P
   GYRO SENSOR FOR AUTOMOTIVE
logo
Epson ToYoCom
XV-9300CD EPSONTOYOCOM-XV-9300CD Datasheet
539Kb / 2P
   GYRO Sensor for Automotive
logo
Epson Company
XV-9100LV EPSON-XV-9100LV Datasheet
931Kb / 2P
   GYRO SENSOR FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com