Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB404DK Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SIB404DK
Description  N-Channel 12 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIB404DK Datasheet(HTML) 3 Page - Vishay Telefunken

  SIB404DK Datasheet HTML 1Page - Vishay Telefunken SIB404DK Datasheet HTML 2Page - Vishay Telefunken SIB404DK Datasheet HTML 3Page - Vishay Telefunken SIB404DK Datasheet HTML 4Page - Vishay Telefunken SIB404DK Datasheet HTML 5Page - Vishay Telefunken SIB404DK Datasheet HTML 6Page - Vishay Telefunken SIB404DK Datasheet HTML 7Page - Vishay Telefunken SIB404DK Datasheet HTML 8Page - Vishay Telefunken SIB404DK Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 67099
S11-0236-Rev. A, 14-Feb-11
www.vishay.com
3
Vishay Siliconix
SiB404DK
New Product
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 1.5 V
V
GS = 5 V thru 2 V
V
GS = 1 V
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
35
I
D -Drain Current (A)
V
GS = 1.8 V
VGS = 1.2 V
V
GS = 2.5 V
V
GS = 4.5 V
0
1
2
3
4
5
0
2
4
6
8
10
12
Q
g - Total Gate Charge (nC)
V
DS = 9.6 V
V
DS = 6 V
V
DS = 3 V
I
D = 9 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.3
0.6
0.9
1.2
1.5
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
V
GS = 4.5 V, 2.5 V, 1.8 V; ID = 3 A
V
GS = 1.2 V, ID = 0.5 A


Similar Part No. - SIB404DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB404DK VISHAY-SIB404DK Datasheet
193Kb / 9P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 14-Feb-11
SIB404DK-T1-GE3 VISHAY-SIB404DK-T1-GE3 Datasheet
193Kb / 9P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 14-Feb-11
More results

Similar Description - SIB404DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com