Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA537EDJ Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIA537EDJ
Description  N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA537EDJ Datasheet(HTML) 1 Page - Vishay Telefunken

  SIA537EDJ Datasheet HTML 1Page - Vishay Telefunken SIA537EDJ Datasheet HTML 2Page - Vishay Telefunken SIA537EDJ Datasheet HTML 3Page - Vishay Telefunken SIA537EDJ Datasheet HTML 4Page - Vishay Telefunken SIA537EDJ Datasheet HTML 5Page - Vishay Telefunken SIA537EDJ Datasheet HTML 6Page - Vishay Telefunken SIA537EDJ Datasheet HTML 7Page - Vishay Telefunken SIA537EDJ Datasheet HTML 8Page - Vishay Telefunken SIA537EDJ Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SiA537EDJ
www.vishay.com
Vishay Siliconix
S13-2635-Rev. A, 30-Dec-13
1
Document Number: 62934
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Marking Code: EK
Ordering Information:
SiA537EDJ-T1-GE3 (Lead (Pb)-free and Halogen-free)
FEATURES
• TrenchFET® Power MOSFETs
• Typical ESD protection: N-channel 2400 V
P-channel 2000 V
• 100 % Rg tested
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912
APPLICATIONS
• Portable devices such as smart phones, tablet PCs and
mobile computing
- Load switches
- Power management
- DC/DC converters
PRODUCT SUMMARY
VDS (V)
RDS(on) () MAX.
ID (A)
Qg (TYP.)
N-Channel
12
0.028 at VGS = 4.5 V
4.5 a
6.2 nC
0.033 at VGS = 2.5 V
4.5 a
0.042 at VGS = 1.8 V
4.5 a
P-Channel
-20
0.054 at VGS = -4.5 V
-4.5 a
9.5 nC
0.070 at VGS = -2.5 V
-4.5 a
0.104 at VGS = -1.8 V
-4.5 a
0.165 at VGS = -1.5 V
-1.5
PowerPAK® SC-70-6L Dual
Top View
2.05
mm
1
20
5
2 0
5 mm
1
1
Bottom View
3
D
2
2
G
1
1
S
1
D1
D2
S
2
4
G
2
5
D
1
6
P-Channel MOSFET
N-Channel MOSFET
D2
S2
G2
S1
D1
G1
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
N-CHANNEL
P-CHANNEL
UNIT
Drain-Source Voltage
VDS
12
-20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.5 a
-4.5 a
A
TC = 70 °C
4.5 a
-4.5 a
TA = 25 °C
4.5 a,b,c
-4.5 a,b,c
TA = 70 °C
4.5 a,b,c
-4.5 a,b,c
Pulsed Drain Current (t = 100 μs)
IDM
20
-15
Source Drain Current Diode Current
TC = 25 °C
IS
4.5 a
-4.5 a
TA = 25 °C
1.6 b,c
-1.6 b,c
Maximum Power Dissipation
TC = 25 °C
PD
7.8
7.8
W
TC = 70 °C
5
5
TA = 25 °C
1.9 b,c
1.9 b,c
TA = 70 °C
1.2 b,c
1.2 b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
Soldering Recommendations (Peak Temperature) d,e
260


Similar Part No. - SIA537EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Rev. A, 30-Dec-13
logo
SHENZHEN DOINGTER SEMIC...
SIA537EDJ DOINGTER-SIA537EDJ Datasheet
1Mb / 7P
   N-Channel and P-Channel MOSFET uses advanced trench technology To provide excellent RDS(ON)
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ-T1-GE3 VISHAY-SIA537EDJ-T1-GE3 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ VISHAY-SIA537EDJ_V01 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIA537EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA537EDJ VISHAY-SIA537EDJ_V01 Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIA537EDJ VISHAY-SIA537EDJ Datasheet
401Kb / 14P
   N-Channel 12 V (D-S) and P-Channel 20 V (D-S) MOSFET
Rev. A, 30-Dec-13
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com