Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7234DP Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI7234DP
Description  Dual N-Channel 12-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7234DP Datasheet(HTML) 1 Page - Vishay Telefunken

  SI7234DP Datasheet HTML 1Page - Vishay Telefunken SI7234DP Datasheet HTML 2Page - Vishay Telefunken SI7234DP Datasheet HTML 3Page - Vishay Telefunken SI7234DP Datasheet HTML 4Page - Vishay Telefunken SI7234DP Datasheet HTML 5Page - Vishay Telefunken SI7234DP Datasheet HTML 6Page - Vishay Telefunken SI7234DP Datasheet HTML 7Page - Vishay Telefunken SI7234DP Datasheet HTML 8Page - Vishay Telefunken SI7234DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7234DP
New Product
Document Number: 68700
S-81219-Rev. A, 02-Jun-08
www.vishay.com
1
Dual N-Channel 12-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
APPLICATIONS
Synchronous Rectification
DC-DC Point-of-Load
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
12
0.0034 at VGS = 4.5 V
60
37 nC
0.005 at VGS = 2.5 V
60
Ordering Information: Si7234DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
6.15 mm
5.15 mm
Bottom View
PowerPAK® SO-8
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
12
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
60a
A
TC = 85 °C
60a
TA = 25 °C
24.8b, c
TA = 85 °C
20b, c
Pulsed Drain Current
IDM
80
Continuous Source-Drain Diode Current
TC = 25 °C
IS
38
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
46
W
TC = 85 °C
29
TA = 25 °C
3.5b, c
TA = 85 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
26
35
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.2
2.7
RoHS
COMPLIANT


Similar Part No. - SI7234DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7234DP VISHAY-SI7234DP Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
SI7234DP VISHAY-SI7234DP Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7234DP-T1-GE3 VISHAY-SI7234DP-T1-GE3 Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
SI7234DP-T1-GE3 VISHAY-SI7234DP-T1-GE3 Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7234DP VISHAY-SI7234DP_V01 Datasheet
374Kb / 13P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7234DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
52Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 29-Jul-02
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7234DP VISHAY-SI7234DP Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
logo
Vishay Telefunken
SIA910EDJ TFUNK-SIA910EDJ Datasheet
276Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ_V01 Datasheet
113Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
DinTek Semiconductor Co...
DTSP1204 DINTEK-DTSP1204 Datasheet
712Kb / 8P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ Datasheet
114Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI7940DP VISHAY-SI7940DP_V01 Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com