Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE38298 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE38298
Description  UMCX Plug to MCX Jack Bulkhead Cable Using 1.13mm Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE38298 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE38298 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE38298 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE38298 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
UMCX Plug to MCX Jack Bulkhead Cable Using 1.13mm Coax
Configuration
Connector 1
UMCX Plug Right Angle
Connector 2
MCX Jack Bulkhead
Cable Type
1.13mm
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
1.13mm
Diameter, in [mm]
0.044 [1.12]
.
Weight, lbs [g]
0.1 [45.36]
Cable
No of Shields
1
Jacket Material
FEP
Jacket Diameter, in [mm]
0.044 [1.12]
Connector 1
Type
UMCX Plug Right Angle
Configuration
RightAngle
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Phosphor Bronze, Gold
Dielectric Type
PBT
Connector 2
Type
MCX Jack Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
DielectricType
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: UMCX Plug to MCX Jack Bulkhead Cable Using 1.13mm Coax PE38298
PE38298 REV
PE38298
UMCX Plug to MCX Jack Bulkhead Cable Using 1.13mm Coax


Similar Part No. - PE38298

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38298-12 PASTERNACK-PE38298-12 Datasheet
405Kb / 4P
   UMCX Plug Right Angle to MCX Jack Bulkhead Cable 12 Inch Length Using 1.13mm Coax, RoHS
PE38298-18 PASTERNACK-PE38298-18 Datasheet
405Kb / 4P
   UMCX Plug Right Angle to MCX Jack Bulkhead Cable 18 Inch Length Using 1.13mm Coax, RoHS
PE38298-6 PASTERNACK-PE38298-6 Datasheet
407Kb / 4P
   UMCX Plug Right Angle to MCX Jack Bulkhead Cable 6 Inch Length Using 1.13mm Coax, RoHS
More results

Similar Description - PE38298

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE38295 PASTERNACK-PE38295 Datasheet
228Kb / 3P
   UMCX Plug to UMCX Plug Cable Using 1.13mm Coax
PE38298-12 PASTERNACK-PE38298-12 Datasheet
405Kb / 4P
   UMCX Plug Right Angle to MCX Jack Bulkhead Cable 12 Inch Length Using 1.13mm Coax, RoHS
PE38298-6 PASTERNACK-PE38298-6 Datasheet
407Kb / 4P
   UMCX Plug Right Angle to MCX Jack Bulkhead Cable 6 Inch Length Using 1.13mm Coax, RoHS
PE38298-18 PASTERNACK-PE38298-18 Datasheet
405Kb / 4P
   UMCX Plug Right Angle to MCX Jack Bulkhead Cable 18 Inch Length Using 1.13mm Coax, RoHS
PE38297 PASTERNACK-PE38297 Datasheet
243Kb / 3P
   SMA Female Bulkhead to UMCX Plug Cable Using 1.13mm Coax
PE38858 PASTERNACK-PE38858 Datasheet
228Kb / 3P
   FME Plug Bulkhead to UMCX Plug Rear Mount Cable Using 1.13mm Coax
PE38857 PASTERNACK-PE38857 Datasheet
327Kb / 3P
   FME Plug Bulkhead to UMCX Plug Front Mount Cable Using 1.13mm Coax
PE38295-6 PASTERNACK-PE38295-6 Datasheet
230Kb / 3P
   UMCX Plug to UMCX Plug Cable 6 Inch Length Using 1.13mm Coax
PE38295-12 PASTERNACK-PE38295-12 Datasheet
228Kb / 3P
   UMCX Plug to UMCX Plug Cable 12 Inch Length Using 1.13mm Coax
PE38297-18 PASTERNACK-PE38297-18 Datasheet
244Kb / 3P
   SMA Female Bulkhead to UMCX Plug Cable 18 Inch Length Using 1.13mm Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com