Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPO-1 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # DLPO-1
Description  Differential Oscillator for Low Cost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

DLPO-1 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  DLPO-1_15 Datasheet HTML 1Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 2Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 3Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 4Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 5Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 6Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 7Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 8Page - PETERMANN-TECHNIK DLPO-1_15 Datasheet HTML 9Page - PETERMANN-TECHNIK Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAGE 1 OF 13
I SPEC 01 I REV.00 I NOVEMBER 2014
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
+ 100% pin-to-pin drop-in replacement to quartz and MEMS based XO
+ Differential Oscillator for Low Cost
+ Low Power Consumption / ST option for reducing power consumption
+ Extremely low RMS jitter
+ Excellent long time reliability
+ LVCMOS, LVPECL, LVDS, HCSL, CML output signal
+ Very tight frequency stability as low as ±10 ppm possible
+ Outstanding long term aging
+ Supply voltage 1.8, 2.5 or 3.3V—others, please contact us
+ Industry-standard packages: 5.0x3.2; 7.0x5.0 mm
+ Pb-free, RoHS and REACH compliant / MSL1@260°C
APPLICATIONS
FEATURES
+ Server, Router, RAID controller
+ Gigabit Ethernet, 10 Gigabit Ethernet, Fiber Channel
+ SATA / SAS,PCI-Express, Fully Buffered DIMM
+ System clock, Networking and computing
+ etc.
HIGH PERFORMANCE DIFFERENTIAL OSCILLATOR
SERIES „DLPO-1“
1.0—220. MHz
PIN
SYMBOL
FUNCTIONALITY
1
ST/OE
Input
Standby or Output Enable pin for OUT+ and OUT-.
OE:
When High or Open : OUT+ and OUT- = active
When Low : OUT+ and OUT- = High Impedance state
ST:
When High or Open : OUT+ and OUT- = active
When Low : OUT+ and OUT- = Output is low (weak pull
down), oscillation stops
2
NC
NA
Do Not connect pin, leave it floating.
3
GND
Power
VDD power supply ground. Connect to Ground
4
OUT+
Output
1 to 220 MHz programmable clock output.
5
OUT-
Output
6
VDD
Power
Power Supply Voltage
PIN DESCRIPTION
TOP VIEW
1
OE/ST
VDD
6
GND
3
OUT+
4
NC
2
5 OUT-


Similar Part No. - DLPO-1_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
DLPO-2 PETERMANN-DLPO-2_15 Datasheet
656Kb / 13P
   Differential Oscillator for Low Cost
DLPO-3 PETERMANN-DLPO-3_15 Datasheet
670Kb / 8P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
DLPO-5 PETERMANN-DLPO-5_15 Datasheet
691Kb / 8P
   Differential Oscillator for Low Cost
More results

Similar Description - DLPO-1_15

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
DLPO-3 PETERMANN-DLPO-3_15 Datasheet
670Kb / 8P
   Differential Oscillator for Low Cost
DLPO-2 PETERMANN-DLPO-2_15 Datasheet
656Kb / 13P
   Differential Oscillator for Low Cost
DLPO-5 PETERMANN-DLPO-5_15 Datasheet
691Kb / 8P
   Differential Oscillator for Low Cost
DLPO-4 PETERMANN-DLPO-4_15 Datasheet
694Kb / 8P
   Differential Oscillator for Low Cost
TCVCTO-1 PETERMANN-TCVCTO-1_15 Datasheet
958Kb / 8P
   Ultra Performance Oscillator for Low Cost
ULPPO PETERMANN-ULPPO_15 Datasheet
1Mb / 10P
   Low Power High Precision Oscillator for Low Cost
HTLPO PETERMANN-HTLPO_15 Datasheet
782Kb / 10P
   High Temperature Low Power Oscillator for Low Cost
logo
STMicroelectronics
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
   Low cost effective oscillator for STR71x MCUs
logo
Analog Devices
AD8141 AD-AD8141 Datasheet
477Kb / 24P
   Low Cost, Triple Differential Drivers
REV. 0
AD8141 AD-AD8141_17 Datasheet
623Kb / 24P
   Low Cost, Triple Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com