Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

660PS097MT20N Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 660PS097MT20N
Description  Connectors and Accessories
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

660PS097MT20N Datasheet(HTML) 1 Page - Glenair, Inc.

  660PS097MT20N Datasheet HTML 1Page - Glenair, Inc. 660PS097MT20N Datasheet HTML 2Page - Glenair, Inc. 660PS097MT20N Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
78
H
© 2013 Glenair, Inc.
Series 970 PowerTrip™
CAGE Code 06324
Printed in U.S.A.
Metal covers protect unmated Series 970 connectors. Available with no attachment
(see table below for part numbers), or choose sash chain, wire rope or nylon cord
attachments from the ordering table on the following page.
METAL PROTECTIVE COVERS
SHELL
SIZE
THREAD
SIZE
TYPE
ALUMINUM/
NICKEL
ALUMINUM/
NICKEL-
PTFE
ALUMINUM/
OD
CADMIUM
ALUMINUM/
BLACK
ZINC-NICKEL
STAINLESS
STEEL/
PASSIVATED
18
1.125-.1P-.3L-TS
Plug Cover
660PS097ME18N 660PS097MT18N 660PS097NF18N 660PS097ZR18N 660PS097Z118N
Receptacle Cover
660PS098ME18N 660PS098MT18N 660PS098NF18N 660PS098ZR18N 660PS098Z118N
20
1.250-.1P-.3L-TS
Plug Cover
660PS097ME20N 660PS097MT20N 660PS097NF20N 660PS097ZR20N 660PS097Z120N
Receptacle Cover
660PS098ME20N 660PS098MT20N 660PS098NF20N 660PS098ZR20N 660PS098Z120N
24
1.500-.1P-.3L-TS
Plug Cover
660PS097ME24N 660PS097MT24N 660PS097NF24N 660PS097ZR24N 660PS097Z124N
Receptacle Cover
660PS098ME24N 660PS098MT24N 660PS098NF24N 660PS098ZR24N 660PS098Z124N
28
1.750-.1P-.3L-TS
Plug Cover
660PS097ME28N 660PS097MT28N 660PS097NF28N 660PS097ZR28N 660PS097Z128N
Receptacle Cover
660PS098ME28N 660PS098MT28N 660PS098NF28N 660PS098ZR28N 660PS098Z128N
32
2.000-.1P-.3L-TS
Plug Cover
660PS097ME32N 660PS097MT32N 660PS097NF32N 660PS097ZR32N 660PS097Z132N
Receptacle Cover
660PS098ME32N 660PS098MT32N 660PS098NF32N 660PS098ZR32N 660PS098Z132N
36
2.250-.1P-.3L-TS
Plug Cover
660PS097ME36N 660PS097MT36N 660PS097NF36N 660PS097ZR36N 660PS097Z136N
Receptacle Cover
660PS098ME36N 660PS098MT36N 660PS098NF36N 660PS098ZR36N 660PS098Z136N
40
2.500-.1P-.3L-TS
Plug Cover
660PS097ME40N 660PS097MT40N 660PS097NF40N 660PS097ZR40N 660PS097Z140N
Receptacle Cover
660PS098ME40N 660PS098MT40N 660PS098NF40N 660PS098ZR40N 660PS098Z140N
PROTECTIVE COVERS WITH NO ATTACHMENT (SEE NEXT PAGE FOR ATTACHMENT OPTIONS)
Plug Cover
Receptacle Cover
ATTACHMENT OPTIONS
Sash Chain
#8 sash chain, 300 series stainless steel,
passivated. Glenair’s most popular attachment
option for circular connector covers.
Teflon® Coated SST Wire Rope
Tough, flexible translucent FEP teflon® jacket
over stainless steel, +200°C., resists weather,
chemicals and abrasion. Glenair’s best selling
wire rope. 1/16 inch diameter uncoated, .09
inch (2.3 mm) finished diameter.
Black Nylon Cord
Black braided nylon cord. Very flexible, very
good abrasion resistance, good chemical
resistance. .120” (3mm) diameter. +125°C.
MATERIALS AND FINISHES
Cover
Aluminum or Stainless Steel. See ordering
information for finish options.
Gasket (Receptacle Cover)
Silicone
Rivet, RIng, Clevis
Stainless Steel
Series 970 PowerTrip™ Connectors and Accessories
Accessories
660PS097 & 098 Protective Covers


Similar Part No. - 660PS097MT20N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
   Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
   3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
   Power toggle switches ??metal lever
logo
Vishay Siliconix
660#10ACD10 VISHAY-660#10ACD10 Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
More results

Similar Description - 660PS097MT20N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
970-007 GLENAIR-970-007 Datasheet
495Kb / 2P
   PowerTrip Connectors and Accessories
970-010 GLENAIR-970-010 Datasheet
304Kb / 2P
   PowerTrip Connectors and Accessories
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
   PowerTrip Connectors and Accessories
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
   PowerTrip Connectors and Accessories
970-005 GLENAIR-970-005 Datasheet
382Kb / 2P
   PowerTrip Connectors and Accessories
970-006 GLENAIR-970-006 Datasheet
506Kb / 2P
   PowerTrip Connectors and Accessories
970-009 GLENAIR-970-009 Datasheet
371Kb / 2P
   PowerTrip Connectors and Accessories
logo
Advantech Co., Ltd.
1701400973 ADVANTECH-1701400973 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com