Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

770-030 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 770-030
Description  Elliptical D-subminiature heatshrink boots
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

770-030 Datasheet(HTML) 2 Page - Glenair, Inc.

  770-030 Datasheet HTML 1Page - Glenair, Inc. 770-030 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-22
© 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
series 28
HiPer-D Accessories
E
Elliptical D-subminiature heatshrink boots
770-030
B
D
E
A
C
L
M
H
J
G
F
K
EXPANDED
RECOVERED
Boot
Size
A Min
B Min
C Min
D Min
E Max F ± 10% G Max
H Max J ± 10% k ± 10% L Max M ± 10%
In. mm In. mm In. mm In. mm In. mm In. mm In. mm In. mm In. mm In. mm In. mm In. mm
05 1.50 38.1 2.00 50.8 .800 20.3 1.00 25.4 .375 9.53 1.062 27 1.125 28.6 .200 5.08 .060 1.52 2.29 58.2 .375 9.53 .070 1.78
06 1.80 45.7 2.50 63.5 .580 14.7 1.50 38.1 .450 11.43 1.062 27 1.637 41.6 .145 3.68 .060 1.52 3.05 77.5 .375 9.53 .070 1.78
770-030 HEATSHrINK BooT DIMENSIoNS
770-030 HEATSHrINK BooT IDENTIFICATIoN MArKINGS
USEr-INSTALLED BooT ADHESIvE, DISPENSING GUN AND MIxING NoZZLE
High performance flexible two part thermoset
epoxy provides high strength flexible bond
from -55
° to 150°C. 50 mL duo syringe fits
standard dispensing guns. Use with square
green mixing nozzle sold separately. 12 hour
cure time at 20
°C, 1 hour at 85°C, 30 minutes
at 150
°C. Apply to inside of boot with wooden
spatula. 18 month shelf life.
Twin push-rod 1:1 ratio epoxy dispensing gun
for use with duo syringe epoxy and mixing
nozzle sold separately. Durable heavy-duty
plastic. Gun type hand grip with ratcheting
trigger to advance push-rods.
1:1 ratio mixing nozzle attaches to duo syringe
with 1/2 turn and locks into place. Nozzle
provides consistent mixing of resin and
hardener. Kit consists of (12) nozzles.
Part Number
779-001
Part Number
779-002
Part Number
Count Per Pack
779-003
12
E05
GLENAIR
A
C
Heatshrink boots are identified with molded-in lettering. This
lettering shows the boot type, boot size and orientation. Position
the boot so that the lipped “A” end is toward the adapter and the
“C” end is toward the cable. Assembly instructions are in the Series
77 “Full Nelson” Environmental Shrink Boots catalog, available at
www.glenair.com.


Similar Part No. - 770-030

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
770-031 GLENAIR-770-031 Datasheet
208Kb / 1P
   Right Angle Heat Shrink Boot
More results

Similar Description - 770-030

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
A0000032348-1 GLENAIR-A0000032348-1 Datasheet
369Kb / 2P
   Backshells and accessories Series 77 heatshrink boots
logo
List of Unclassifed Man...
NC3030 ETC2-NC3030 Datasheet
130Kb / 1P
   Circuit Breaker Boots Full Pushbutton Boots
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
   D Subminiature
logo
Glenair, Inc.
770-001S103 GLENAIR-770-001S103 Datasheet
187Kb / 1P
   Environmental Shrink Boots
logo
List of Unclassifed Man...
11328 ETC2-11328 Datasheet
94Kb / 2P
   PVC Insulation Boots
logo
Glenair, Inc.
507-178E0904BH GLENAIR-507-178E0904BH Datasheet
161Kb / 2P
   Micro-D Backshells EMI, Banding, Elliptical, Split
logo
ITT Industries
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
KF22X-E9P-N ETC2-KF22X-E9P-N Datasheet
1Mb / 1P
   D-SUBMINIATURE CONNECTORS
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
   D-SUBMINIATURE CONNECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com