Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

660PS097 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 660PS097
Description  Connectors and Accessories
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

660PS097 Datasheet(HTML) 3 Page - Glenair, Inc.

  660PS097 Datasheet HTML 1Page - Glenair, Inc. 660PS097 Datasheet HTML 2Page - Glenair, Inc. 660PS097 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
80
H
© 2013 Glenair, Inc.
Series 970 PowerTrip™
CAGE Code 06324
Printed in U.S.A.
Shell
Size
A Max.
B Thread
In.
mm.
18
1.417
36.0
1.125-.1P-.3L-TS
20
1.535
39.0
1.250-.1P-.3L-TS
24
1.772
45.0
1.500-.1P-.3L-TS
28
2.007
51.0
1.750-.1P-.3L-TS
32
2.244
57.0
2.000-.1P-.3L-TS
36
2.480
63.0
2.250-.1P-.3L-TS
40
2.716
69.0
2.500-.1P-.3L-TS
660PS097 AND -098 PROTECTIVE COVERS
RING REFERENCE TABLE (IN ASCENDING DIAMETER ORDER)
RING STYLES
660PS097 Plug Cover
660PS098 Receptacle Cover
Code Ring Type
I.D.
In. mm.
00
No Fitting
-
-
06
Ring terminal/Clevis .125 3.18
01
Ring terminal/Clevis .145 3.68
09
Ring terminal/Clevis .156 3.96
05
Ring terminal/Clevis .167 4.24
02
Ring terminal/Clevis .182 4.62
03
Ring terminal/Clevis .191 4.85
04
Ring terminal/Clevis .197 5.00
07
Ring terminal/Clevis .218 5.54
095
Solid Ring Style A
.312 7.92
100
Solid Ring Style A
.391 9.93
50
Split Ring
.425 10.80
08
Solid Ring Style B
.468 11.89
52
Split Ring
.485 12.32
101
Solid Ring Style A
.516 13.11
102
Solid Ring Style A
.583 14.81
10
Solid Ring Style B
.593 15.06
54
Split Ring
.640 16.26
103
Solid Ring Style A
.641 16.28
104
Solid Ring Style A
.708 17.98
12
Solid Ring Style B
.718 18.24
56
Split Ring
.750 19.05
Code Ring Type
I.D.
In. mm.
13
Solid Ring Style B
.765 19.43
105
Solid Ring Style A
.766 19.46
205
Solid Ring Style A
.788 20.02
14
Solid Ring Style B
.844 21.44
15
Solid Ring Style B
.890 22.61
58
Split Ring
.890 22.61
106
Solid Ring Style A
.896 22.76
206
Solid Ring Style A
.907 23.04
16
Solid Ring Style B
.968 24.59
17
Solid Ring Style B
1.015 25.78
60
Split Ring
1.015 25.78
107
Solid Ring Style A
1.016 25.81
207
Solid Ring Style A
1.025 26.04
18
Solid Ring Style B
1.093 27.76
62
Split Ring
1.095 27.81
64
Split Ring
1.130 28.70
19
Solid Ring Style B
1.140 28.96
108
Solid Ring Style A
1.141 28.98
308
Solid Ring Style A
1.188 30.18
208
Solid Ring Style A
1.203 30.56
20
Solid Ring Style B
1.203 30.56
66
Split Ring
1.250 31.75
Code Ring Type
I.D.
In. mm.
21
Solid Ring Style B
1.265 32.13
109
Solid Ring Style A
1.266 32.16
209
Solid Ring Style A
1.312 33.32
22
Solid Ring Style B
1.343 34.11
68
Split Ring
1.350 34.29
70
Split Ring
1.375 34.93
110
Solid Ring Style A
1.391 35.33
210
Solid Ring Style A
1.438 36.53
23
Solid Ring Style B
1.453 36.91
24
Solid Ring Style B
1.484 37.69
72
SPLIT RING
1.485 37.72
111
Solid Ring Style A
1.521 38.63
211
Solid Ring Style A
1.536 39.01
25
Solid Ring Style B
1.577 40.06
74
Split Ring
1.625 41.28
27
Solid Ring Style B
1.640 41.66
112
Solid Ring Style A
1.641 41.68
28
Solid Ring Style B
1.687 42.85
76
Split Ring
1.750 44.45
29
Solid Ring Style B
1.765 44.83
113
Solid Ring Style A
1.766 44.86
213
Solid Ring Style A
1.812 46.02
Code Ring Type
I.D.
In. mm.
78
Split Ring
1.875 47.63
30
Solid Ring Style B
1.890 48.01
114
Solid Ring Style A
1.891 48.03
214
Solid Ring Style A
1.938 49.23
31
Solid Ring Style B
1.953 49.61
32
Solid Ring Style B
1.968 49.99
80
Split Ring
1.980 50.29
82
Split Ring
2.060 52.32
33
Solid Ring Style B
2.077 52.76
115
Solid Ring Style A
2.078 52.78
35
Solid Ring Style B
2.140 54.36
36
Solid Ring Style B
2.187 55.55
84
Split Ring
2.235 56.77
86
Split Ring
2.310 58.67
116
Solid Ring Style A
2.406 61.11
40
Solid Ring Style B
2.406 61.11
88
Split Ring
2.475 62.87
117
Solid Ring Style A
2.510 63.75
90
Split Ring
2.655 67.44
44
Solid Ring Style B
2.656 67.46
92
Split Ring
2.810 71.37
48
Solid Ring Style B
3.031 76.99
94
Split Ring
3.045 77.34
ø A
.906 (23.0)
MAX
B THREAD (2B)
LENGTH
± .25 (6.35)
SASH CHAIN IS
± ONE LENGTH
SILICONE
GASKIET
ø A
1.14 (29.0)
MAX
B THREAD (2A)
LENGTH
± .25 (6.35)
SASH CHAIN IS
± ONE LENGTH
Style A Solid Ring
Style B Solid Ring
Ring Terminal
Clevis (Sash Chain)
Split Ring
Series 970 PowerTrip™ Connectors and Accessories
Accessories
660PS097 & 098 Protective Covers


Similar Part No. - 660PS097

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
   Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
   3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
   Power toggle switches ??metal lever
logo
Vishay Siliconix
660#10ACD10 VISHAY-660#10ACD10 Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
More results

Similar Description - 660PS097

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620PS076 GLENAIR-620PS076 Datasheet
311Kb / 2P
   Connectors and Accessories
930-014 GLENAIR-930-014 Datasheet
230Kb / 1P
   Connectors and Accessories
970-007 GLENAIR-970-007 Datasheet
495Kb / 2P
   PowerTrip Connectors and Accessories
970-010 GLENAIR-970-010 Datasheet
304Kb / 2P
   PowerTrip Connectors and Accessories
370-024 GLENAIR-370-024 Datasheet
691Kb / 3P
   PowerTrip Connectors and Accessories
970-003 GLENAIR-970-003 Datasheet
327Kb / 2P
   PowerTrip Connectors and Accessories
970-005 GLENAIR-970-005 Datasheet
382Kb / 2P
   PowerTrip Connectors and Accessories
970-006 GLENAIR-970-006 Datasheet
506Kb / 2P
   PowerTrip Connectors and Accessories
970-009 GLENAIR-970-009 Datasheet
371Kb / 2P
   PowerTrip Connectors and Accessories
logo
Advantech Co., Ltd.
1701400973 ADVANTECH-1701400973 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com