Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT4435-H Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4435-H
Description  P-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4435-H Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4435-H Datasheet HTML 1Page - Unisonic Technologies UT4435-H Datasheet HTML 2Page - Unisonic Technologies UT4435-H Datasheet HTML 3Page - Unisonic Technologies UT4435-H Datasheet HTML 4Page - Unisonic Technologies UT4435-H Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4435-H
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R208-053.B
-8.0A, -30V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT4435-H is a P-channel Power MOSFET, it uses
UTC’s advanced technology to provide the customers with high
switching speed, low gate charge and a minimum on-state
resistance.
The UTC UT4435-H is suitable for load switching, POL, LED
applications, etc.
FEATURES
*RDS(ON) < 20mΩ @ VGS=-10V, ID=-8A
RDS(ON) < 32mΩ @ VGS=-4.5V, ID=-5A
* High switching speed
* Low gate charge
SYMBOL
SOP-8
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
12
3
456
7
8
Packing
UT4435G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: S: Source
G: Gate
D: Drain
MARKING


Similar Part No. - UT4435-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT4435-S08-R VBSEMI-UT4435-S08-R Datasheet
1,004Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UT4435-H

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com