Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF830KL-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF830KL-TF3-T
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830KL-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UF830KL-TF3-T Datasheet HTML 1Page - Unisonic Technologies UF830KL-TF3-T Datasheet HTML 2Page - Unisonic Technologies UF830KL-TF3-T Datasheet HTML 3Page - Unisonic Technologies UF830KL-TF3-T Datasheet HTML 4Page - Unisonic Technologies UF830KL-TF3-T Datasheet HTML 5Page - Unisonic Technologies UF830KL-TF3-T Datasheet HTML 6Page - Unisonic Technologies UF830KL-TF3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UF830K-MT
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R209-030.D
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, Unless Otherwise Specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage (TJ=25°C ~125°C)
VDS
500
V
Drain to Gate Voltage (RGS=20kΩ, TJ=25°C ~125°C)
VDGR
500
V
Gate to Source Voltage
VGS
±30
V
Drain Current
Continuous
ID
4.5
A
Pulsed
IDM
18
A
Power Dissipation (TC = 25°C)
TO-220
PD
73
W
TO-220F/TO-220F1
TO-220F3
38
W
TO-220F2
40
W
TO-251/TO-251S
TO-251S2/ TO-251S4
TO-252/TO-252D
46
W
Single Pulse Avalanche Energy Rating (Note 2)
EAS
300
mJ
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. VDD=50V, starting TJ =25°C, L=25mH, RG=25Ω, peak IAS=4.5A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
θJA
62.5
°C/W
TO-251/TO-251S
TO-251S2/ TO-251S4
TO-252/TO-252D
100.3
°C/W
Junction to Case
TO-220
θJC
1.71
°C/W
TO-220F/TO-220F1
TO-220F3
3.31
°C/W
TO-220F2
3.125
°C/W
TO-251/TO-251S
TO-251S2/ TO-251S4
TO-252/TO-252D
2.7
°C/W


Similar Part No. - UF830KL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830KL-TF3-T UTC-UF830KL-TF3-T Datasheet
256Kb / 6P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - UF830KL-TF3-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com