Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT131L-6-T92-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT131L-6-T92-B
Description  TRIAC LOGIC LEVEL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT131L-6-T92-B Datasheet(HTML) 1 Page - Unisonic Technologies

  UT131L-6-T92-B Datasheet HTML 1Page - Unisonic Technologies UT131L-6-T92-B Datasheet HTML 2Page - Unisonic Technologies UT131L-6-T92-B Datasheet HTML 3Page - Unisonic Technologies UT131L-6-T92-B Datasheet HTML 4Page - Unisonic Technologies UT131L-6-T92-B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT131
TRIAC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-006.H
TRIAC LOGIC LEVEL
DESCRIPTION
Passivated, sensitive gate triac in a plastic envelope, intended
for use in general purpose bidirectional switching and phase control
applications. These devices are intended to be interfaced directly to
microcontrollers. Logic integrated circuits and other low power gate
trigger circuits.
SYMBOL
MT2
MT1
G
TO-92
SOT-223
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
UT131G-x-AA3-R
SOT-223
MT1
MT2
GATE
Tape Reel
UT131L-x-T92-B
UT131G -x-T92-B
TO-92
MT1
GATE
MT2
Tape Box
UT131L-x-T92-K
UT131G -x-T92-K
TO-92
MT1
GATE
MT2
Bulk
UT131G-x-AA3-R
(1)Packing Type
(2)Package Type
(3)Peak Voltage
(4)Green Package
(1) B: Tape Reel, K: Bulk, R: Tape Reel
(2) AA3: SOT-223, T92: TO-92
(3) 5: 500V, 6: 600V, 8: 800V
(4) G: Halogen Free and Lead Free, L: Lead Free
MARKING
SOT-223
TO-92
UT C
UT131
1
Data Code
L: Lead Free
G: Halogen Free
Repetitive Peak
Off-State Voltage


Similar Part No. - UT131L-6-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131L-X-AA3-R UTC-UT131L-X-AA3-R Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
UT131L-X-T92-B UTC-UT131L-X-T92-B Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
UT131L-X-T92-K UTC-UT131L-X-T92-K Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
UT131L-X-T92-R UTC-UT131L-X-T92-R Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
More results

Similar Description - UT131L-6-T92-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com