Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT134E Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT134E
Description  TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT134E Datasheet(HTML) 4 Page - Unisonic Technologies

  UT134E_15 Datasheet HTML 1Page - Unisonic Technologies UT134E_15 Datasheet HTML 2Page - Unisonic Technologies UT134E_15 Datasheet HTML 3Page - Unisonic Technologies UT134E_15 Datasheet HTML 4Page - Unisonic Technologies UT134E_15 Datasheet HTML 5Page - Unisonic Technologies UT134E_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT134E
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R401-007.D
TYPICAL CHARACTERISTICS
100
150
-50
50
0
5
3
Tmb/C
0
4
IT(RMS)/A
Fig 4. Maximum Permissible Rms Current, lT(RMS)
Versus Mounting Base Temperature, Tmb
2
1
107°C
ITSM/A
Fig 3. Maximum Permissible Non-repetitive Peak
On-state Current, ITSM, Versus Number Of Cycles,
For Sinusoidal Currents, f=50Hz.
25
Number of cycles at 50Hz
15
0
10
100
0
30
20
10
5
1000
IT
time
ITSM
TJ initial=25°C max
T
12
6
surge duration /S
8
10
4
0
IT(RMS)/A
0.01
0.1
1
10
-50
1.6
0.8
TJ /°C
1.2
1.4
1
0.6
0.4
Fig 5. Maximum Permissible Repetitive Rms On-State
Current , lT(RMS) ,Versus Surge Duration, For
Sinusoidal Currents, f=50HZ, Tmb 107°C
VGT(25°C)
VGT(TJ)
Fig 6. Normalised Gate Trigger Voltage,
VGT(TJ)/VGT(25°C), Versus Junction
Temperature, TJ
50
100
150
2
0


Similar Part No. - UT134E_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT134E UTC-UT134E Datasheet
132Kb / 5P
   TRIACS
More results

Similar Description - UT134E_15

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com