Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UOT406 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UOT406
Description  ENHANCED NOISE IMMUNITY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UOT406 Datasheet(HTML) 1 Page - Unisonic Technologies

  UOT406_15 Datasheet HTML 1Page - Unisonic Technologies UOT406_15 Datasheet HTML 2Page - Unisonic Technologies UOT406_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UOT406
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
VER.a
FOUR-QUADRANT TRIAC,
ENHANCED NOISE IMMUNITY
DESCRIPTION
The UTC UOT406 is a Four-quadrant triac, it uses UTC’s
advanced technology to provide customers with direct interfacing to
low power gate drive circuits and sensitive gate, etc.
The UTC UOT406 is suitable for Low power AC fan speed
controllers, Low power motor control and Home appliances, etc.
FEATURES
* VDRM≤600V, IGT≤3mA, IGT≤5mA (T2-G+)
ITSM≤12.5A (t=20ms), ITSM≤13.8A (t=16.7ms), IT(RMS) ≤1A
* Direct interfacing to low power gate drive circuits
* Sensitive gate
SYMBOL
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
UOT406G-x-AA3-R
SOT-223
MT1
MT2
G
Tape Reel
Note: Pin Assignment: MT1: MT1
MT2: MT2
G: Gate
UOT406G-AA3-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AA3: SOT-223
(3) G: Halogen Free and Lead Free
(3)Green Package
MARKING


Similar Part No. - UOT406_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UOT406G-AA3-R UTC-UOT406G-AA3-R Datasheet
109Kb / 3P
   FOUR-QUADRANT TRIAC, ENHANCED NOISE IMMUNITY
UOT406L-AA3-R UTC-UOT406L-AA3-R Datasheet
109Kb / 3P
   FOUR-QUADRANT TRIAC, ENHANCED NOISE IMMUNITY
More results

Similar Description - UOT406_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UOT406 UTC-UOT406 Datasheet
109Kb / 3P
   FOUR-QUADRANT TRIAC, ENHANCED NOISE IMMUNITY
logo
NXP Semiconductors
OT406 PHILIPS-OT406 Datasheet
77Kb / 13P
   Four-quadrant triac, enhanced noise immunity
Rev. 01-19 May 2008
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
logo
Unisonic Technologies
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
   High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
   High Noise Immunity
logo
NXP Semiconductors
BT139B PHILIPS-BT139B Datasheet
50Kb / 6P
   Triacs high noise immunity
October 1997 Rev 1.100
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
   High electrical noise immunity
logo
NXP Semiconductors
BT139H PHILIPS-BT139H Datasheet
49Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139 PHILIPS-BT139 Datasheet
45Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com