Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12AG-8-SW-TA3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BTB12AG-8-SW-TA3-T
Description  12A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB12AG-8-SW-TA3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  BTB12AG-8-SW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB12AG-8-SW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB12AG-8-SW-TA3-T Datasheet HTML 3Page - Unisonic Technologies BTB12AG-8-SW-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BTB12A
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R401-056.b
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Peak On-State Voltage(Note)
VT
ITM=17A, tp=380μs
TJ=25°C
1.55
V
Threshold Voltage(Note)
VTO
TJ=125°C
0.85
V
Dynamic Resistance(Note)
RD
TJ=125°C
35
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM
TJ=25°C
5
μA
IRRM
TJ=125°C
1
mA
Note: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


Similar Part No. - BTB12AG-8-SW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTB12A UTC-BTB12A Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-6-BW-TA3-T UTC-BTB12AL-6-BW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-CW-TA3-T UTC-BTB12AL-8-CW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-SW-TA3-T UTC-BTB12AL-8-SW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-TW-TA3-T UTC-BTB12AL-8-TW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
More results

Similar Description - BTB12AG-8-SW-TA3-T

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com