Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB12AG-6-SW-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTB12AG-6-SW-TA3-T
Description  12A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB12AG-6-SW-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  BTB12AG-6-SW-TA3-T Datasheet HTML 1Page - Unisonic Technologies BTB12AG-6-SW-TA3-T Datasheet HTML 2Page - Unisonic Technologies BTB12AG-6-SW-TA3-T Datasheet HTML 3Page - Unisonic Technologies BTB12AG-6-SW-TA3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB12A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-056.b
12A TRIACS
DESCRIPTION
The UTC BTB12A is a 12A triacs which can be operated in 3
quadrants, it uses UTC’s advanced technology to provide customers
with high commutation performances.
The UTC BTB12A is suitable for inductive load switching operations,
also can be used in ON/OFF function applications such as induction
motor starting circuits, heating regulation, static relays etc.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB12AL-x-xx-TA3-T
BTB12AG-x-xx-TA3-T
TO-220
MT1 MT2
G
Tube
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
BW
50mA
SNUBBERLESS
CW
35mA
SNUBBERLESS
SW
10mA
LOGIC LEVEL
TW
5mA
LOGIC LEVEL
: Available
MARKING


Similar Part No. - BTB12AG-6-SW-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTB12A UTC-BTB12A Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-6-BW-TA3-T UTC-BTB12AL-6-BW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-CW-TA3-T UTC-BTB12AL-8-CW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-SW-TA3-T UTC-BTB12AL-8-SW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
BTB12AL-8-TW-TA3-T UTC-BTB12AL-8-TW-TA3-T Datasheet
170Kb / 4P
   12A TRIACS
More results

Similar Description - BTB12AG-6-SW-TA3-T

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H Datasheet
94Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com