Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB10A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTB10A
Description  10A TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB10A Datasheet(HTML) 1 Page - Unisonic Technologies

  BTB10A_15 Datasheet HTML 1Page - Unisonic Technologies BTB10A_15 Datasheet HTML 2Page - Unisonic Technologies BTB10A_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB10A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-061.b
10A TRIACS
DESCRIPTION
The UTC BTB10A is a 10A triacs which can be operated in 3
quadrants, it uses UTC’s advanced technology to provide
customers with high commutation performances.
The UTC BTB10A is suitable for inductive load switching
operations, also can be used in ON/OFF function applications such
as induction motor starting circuits, heating regulation, static relays
etc.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB10AL-x-xx-TA3-T
BTB10AG-x-xx-TA3-T
TO-220
MT1 MT2
G
Tube
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
BW
50mA
SNUBBERLESS
CW
35mA
SNUBBERLESS
: Available
MARKING INFORMATION


Similar Part No. - BTB10A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTB10AL-6-BW-TA3-T UTC-BTB10AL-6-BW-TA3-T Datasheet
166Kb / 3P
   10A TRIACS
BTB10AL-6-CW-TA3-T UTC-BTB10AL-6-CW-TA3-T Datasheet
166Kb / 3P
   10A TRIACS
BTB10AL-8-BW-TA3-T UTC-BTB10AL-8-BW-TA3-T Datasheet
166Kb / 3P
   10A TRIACS
BTB10AL-8-CW-TA3-T UTC-BTB10AL-8-CW-TA3-T Datasheet
166Kb / 3P
   10A TRIACS
More results

Similar Description - BTB10A_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10 STMICROELECTRONICS-BTA10 Datasheet
74Kb / 7P
   10A TRIACS
logo
SiPower Inc.
BTA10 SIPOWER-BTA10 Datasheet
863Kb / 6P
   10A Triacs
logo
Unisonic Technologies
BTB10A UTC-BTB10A Datasheet
166Kb / 3P
   10A TRIACS
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
   10A TRIACS
BTA10A UTC-BTA10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10_15 Datasheet
163Kb / 3P
   10A TRIACS
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com