Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6249 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6249
Description  Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6249 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6249 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6249 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass PE6249
URL: http://www.pasternack.com/2-watts-n-male-rf-load-up-to-6-ghz-pe6249-p.aspx
PE6249
PE6249 REV 1.0
Low Power 2 Watts RF Load Up To 6 GHz With
N Male Input Tri-Metal Plated Brass


Similar Part No. - PE6249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6249 PASTERNACK-PE6249 Datasheet
420Kb / 4P
   2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
   2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results

Similar Description - PE6249

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
   2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
   2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
   2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
   2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
   50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
   50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6248 PASTERNACK-PE6248 Datasheet
310Kb / 2P
   Low Power 2 Watts RF Load Up To 6 GHz With N Male Input
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
   1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
   2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6190 PASTERNACK-PE6190 Datasheet
197Kb / 3P
   Low Power 2 Watts RF Load Up To 3 GHz With 7-16 DIN Male Input Silver Plated Brass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com