Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDM16216L-7 Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM16216L-7
Description  16 Character x 2 Lines, Large Character, LED Backlight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM16216L-7 Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM16216L-7_15 Datasheet HTML 1Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 88
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1VSS
-0V
Power supply
2VDD
-5V
3VL
--
4RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6
E
H,H->L
Enable signal
7D0
H/L
Data bus
8D1
H/L
9D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
15
A
-
Anode for LED backlight
16
K
-
Cathode for LED backlight
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLY CURRENT
IDD
VDD=5.0V
-
0.8
2.0
mA
POWER SUPPLY FOR LCD
VDD-VL TA=25°C
4.2
4.7
5.2
V
LED FORWARD Vtg (White)
VF
IF=20mA
3.2
3.4
3.7
V
(Yellow)
IF=120mA
3.9
4.1
4.5
BRIGHTNESS (White LED)
L
IF=20mA
4865-
cd/m2
(Yellow LED)
IF=120mA
30
50
-
DRIVE METHOD
1/16 Duty
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
07.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
OPERATING TEMPERATURE
TOP
050
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
LED FORWARD CURRENT (White)
IF
-
30
mA
(Yellow)
-
200
LED REVERSE VOLTAGE (White)
VR
-
5
V
(Yellow)
-
8
LED POWER CONSUMPTION (White)
PD
-
50
mW
(Yellow)
-
900
Physical Data
Module Size ...............................122.0W x 44.0H x 14.5T mm
Thin Version.............122.0W x 44.0H x 13.0T mm
Viewing Area Size......................................99.0W x 24.0H mm
Weight.................................................................................54g
Features
Character Format .................................. 5x7 Dots with Cursor
Backlight...................................................White or Yellow LED
Options.......................................Gray STN/Yellow STN, FSTN
12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Block Diagram
D0 - D7
E
R/W
RS
VL
VDD
VSS
K
A
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
LED BACKLIGHT
COM 1 - 16
SEG 40
4
DRIVER
40
RESISTOR SUPPLIED BY USER
Dimensional Drawing
2.54x15=38.1
1
10.0
16-
φ1.0
HOLE
4-
φ3.5
HOLE
4.84
1.16
0.06
0.92
1.1
0.5
0.06
9.66
11.0
0.68
115.0
106.0
99.0
122.0
14
16 Character x 2 Lines, Large Character, LED Backlight
Dimension tolerance: +/-0.3mm
A
K
15 16
HDM16216L-7
8.0 (T)
(T) = Thin version


Similar Part No. - HDM16216L-7_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216L-7-L30S HANTRONIX-HDM16216L-7-L30S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7-Z10S HANTRONIX-HDM16216L-7-Z10S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7-Z10S HANTRONIX-HDM16216L-7-Z10S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
More results

Similar Description - HDM16216L-7_15

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16216L-7 HANTRONIX-HDM16216L-7 Datasheet
39Kb / 1P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7-Z10S HANTRONIX-HDM16216L-7-Z10S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM16216L-7-L30S HANTRONIX-HDM16216L-7-L30S Datasheet
39Kb / 2P
   16 Character x 2 Lines, Large Character, LED Backlight
HDM20216L-L HANTRONIX-HDM20216L-L Datasheet
33Kb / 1P
   20 Character x 2 Lines, Large Character, LED Backlight
HDM20216L-L-E30S HANTRONIX-HDM20216L-L-E30S Datasheet
55Kb / 2P
   20 Character x 2 Lines, Large Character, LED Backlight
HDM20216L-L HANTRONIX-HDM20216L-L_15 Datasheet
52Kb / 1P
   20 Character x 2 Lines Large Character LED Backlight
HDM16216H-4 HANTRONIX-HDM16216H-4 Datasheet
27Kb / 1P
   16 Character x 2 Lines, Large Character
HDM16216H-4 HANTRONIX-HDM16216H-4_15 Datasheet
26Kb / 1P
   16 Character x 2 Lines, Large Character
HDM16216H-4-S00S HANTRONIX-HDM16216H-4-S00S Datasheet
32Kb / 2P
   16 Character x 2 Lines, Large Character
HDM20416L-M-L30S HANTRONIX-HDM20416L-M-L30S Datasheet
33Kb / 2P
   20 Character x 4 Lines, Large Character, LED Backlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com