Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62566DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62566DBVR
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62566DBVR Datasheet(HTML) 2 Page - Texas Instruments

  TLV62566DBVR Datasheet HTML 1Page - Texas Instruments TLV62566DBVR Datasheet HTML 2Page - Texas Instruments TLV62566DBVR Datasheet HTML 3Page - Texas Instruments TLV62566DBVR Datasheet HTML 4Page - Texas Instruments TLV62566DBVR Datasheet HTML 5Page - Texas Instruments TLV62566DBVR Datasheet HTML 6Page - Texas Instruments TLV62566DBVR Datasheet HTML 7Page - Texas Instruments TLV62566DBVR Datasheet HTML 8Page - Texas Instruments TLV62566DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
Table of Contents
10.4
Device Functional Modes...................................... 12
1
Features .................................................................. 1
11
Application and Implementation........................ 13
2
Applications ........................................................... 1
11.1
Application Information.......................................... 13
3
Description ............................................................. 1
11.2
Typical Application ................................................ 13
4
Simplified Schematic............................................. 1
12
Power Supply Recommendations ..................... 17
5
Revision History..................................................... 2
13
Layout................................................................... 18
6
Device Comparison Table..................................... 3
13.1
Layout Guidelines ................................................. 18
7
Pin Configuration and Functions ......................... 3
13.2
Layout Example .................................................... 18
8
Specifications......................................................... 4
13.3
Thermal Considerations ........................................ 18
8.1
Absolute Maximum Ratings ...................................... 4
14
Device and Documentation Support ................. 19
8.2
ESD Ratings.............................................................. 4
14.1
Device Support...................................................... 19
8.3
Recommended Operating Conditions ...................... 4
14.2
Documentation Support ....................................... 19
8.4
Thermal Information .................................................. 4
14.3
Related Links ........................................................ 19
8.5
Electrical Characteristics.......................................... 5
14.4
Community Resources.......................................... 19
8.6
Typical Characteristics .............................................. 6
14.5
Trademarks ........................................................... 19
9
Parameter Measurement Information .................. 8
14.6
Electrostatic Discharge Caution ............................ 19
10
Detailed Description ............................................. 9
14.7
Glossary ................................................................ 19
10.1
Overview ................................................................. 9
15
Mechanical, Packaging, and Orderable
10.2
Functional Block Diagrams ................................... 10
Information ........................................................... 20
10.3
Feature Description............................................... 11
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2014) to Revision C
Page
Changed device From: TLV62566 to TLV62565 for EN in the Device Comparison Table ................................................... 3
Changes from Revision A (November 2014) to Revision B
Page
Added Storage temperature to Absolute Maximum Ratings .................................................................................................. 4
Changed Handling Ratings to ESD Ratings........................................................................................................................... 4
Deleted Storage temperature from ESD Ratings ................................................................................................................... 4
Changed Thermal Information to Thermal Considerations and moved to Layout section ................................................... 18
Changes from Original (October 2013) to Revision A
Page
Changed Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
Added "TA = -40°C to 85°C" to the VFB, Feedback regulation voltage Test Conditions ........................................................ 5
Added VFB, Feedback regulation voltage Test Conditions and values for "PWM operation, TA = 85°C"............................... 5
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566


Similar Part No. - TLV62566DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62566DBV TI1-TLV62566DBV Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
More results

Similar Description - TLV62566DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
logo
Monolithic Power System...
MP1469 MPS-MP1469 Datasheet
477Kb / 17P
   High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1517-3.3 LINER-LTC1517-3.3_15 Datasheet
161Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
   Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
   Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com