Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62130 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV62130
Description  TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62130 Datasheet(HTML) 4 Page - Texas Instruments

  TLV62130_15 Datasheet HTML 1Page - Texas Instruments TLV62130_15 Datasheet HTML 2Page - Texas Instruments TLV62130_15 Datasheet HTML 3Page - Texas Instruments TLV62130_15 Datasheet HTML 4Page - Texas Instruments TLV62130_15 Datasheet HTML 5Page - Texas Instruments TLV62130_15 Datasheet HTML 6Page - Texas Instruments TLV62130_15 Datasheet HTML 7Page - Texas Instruments TLV62130_15 Datasheet HTML 8Page - Texas Instruments TLV62130_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TLV62130, TLV62130A
SLVSB74D – FEBRUARY 2012 – REVISED AUGUST 2015
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Pin voltage (1)
AVIN, PVIN
–0.3
20
V
EN, SS/TR
–0.3
VIN+0.3
SW
–0.3
VIN+0.3
V
DEF, FSW, FB, PG, VOS
–0.3
7
V
Power Good sink current
PG
10
mA
Operating junction temperature
TJ
–40
125
°C
Storage temperature
Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
±2000
pins(2)
VESD
Electrostatic discharge(1)
V
Charged device model (CDM), per JEDEC specification
±500
JESD22-C101, all pins(3)
(1)
ESD testing is performed according to the respective JESD22 JEDEC standard.
(2)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
MIX
MAX
UNIT
Supply Voltage
3
17
V
Operating free air temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
125
8.4 Thermal Information
TLV62130
THERMAL METRIC(1)
RGT [VQFN]
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
29.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15
°C/W
RθJB
Junction-to-board thermal resistance
11
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
10
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TLV62130 TLV62130A


Similar Part No. - TLV62130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TLV62130_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com