Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62090 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV62090
Description  TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62090 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62090_15 Datasheet HTML 7Page - Texas Instruments TLV62090_15 Datasheet HTML 8Page - Texas Instruments TLV62090_15 Datasheet HTML 9Page - Texas Instruments TLV62090_15 Datasheet HTML 10Page - Texas Instruments TLV62090_15 Datasheet HTML 11Page - Texas Instruments TLV62090_15 Datasheet HTML 12Page - Texas Instruments TLV62090_15 Datasheet HTML 13Page - Texas Instruments TLV62090_15 Datasheet HTML 14Page - Texas Instruments TLV62090_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
R1
R4
R3 =
1 +
x
R4
R2
1.56
æ
ö
-
ç
÷
è
ø
1.25V
R4 =
300 A
1
R3
R1
1
=
1 +
x
R4
R2
1.56
æ
ö
+
ç
÷
è
ø
TLV62090
www.ti.com
SLVSBB9D – MARCH 2012 – REVISED SEPTEMBER 2015
Feature Description (continued)
In Figure 6, the output V2 will track the voltage applied to V1. Simultaneous voltage tracking is possible for
output voltages of V2
≥1.25 V. The voltage will track simultaneously when following conditions are met:
(3)
As the fraction of R3/R4 becomes larger the voltage V1 will ramp up faster than V2. If it gets smaller, then the
ramp will be slower than V2. R4 needs to be determined first using Equation 4.
(4)
In the calculation of R4, 300 µA current is used to achieve sufficient accuracy by taking into account the typical
7.5 µA soft-start current. For simultaneous tracking R3 is calculated using Equation 5.
(5)
8.3.3 Short Circuit Protection (Hiccup-Mode)
The device is protected against hard short circuits to GND and over-current events. This is implemented by a two
level short circuit protection. During start-up and when the output is shorted to GND the switch current limit is
reduced to 1/3 of its typical current limit of 4.6 A. Once the output voltage exceeds typically 0.6 V the current limit
is released to its nominal value. The full current limit is implemented as a hiccup current limit. Once the internal
current limits is triggered 32 times the device stops switching and starts a new start-up sequence after a typical
delay time of 66 µS passed by. The device will go through these cycles until the high current condition is
released.
8.3.4 Output Discharge Function
To make sure the device starts up under defined conditions, the output gets discharged via the VOS pin with a
typical discharge resistor of 200
Ω whenever the device shuts down. This happens when the device is disabled
or if thermal shutdown, undervoltage lockout or short circuit hiccup-mode is triggered.
8.3.5 Power Good Output (PG)
The power good output is low when the output voltage is below its nominal value. The power good will become
high impedance once the output is within 5% of regulation. The PG pin is an open drain output and is specified to
typically sink up to 1 mA. This output requires a pull-up resistor to be monitored properly. The pull-up resistor
cannot be connected to any voltage higher than the input voltage of the device.
8.3.6 Undervoltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages, an undervoltage lockout is included. UVLO shuts
down the device at input voltages lower than typically 2.2 V with a 200 mV hysteresis.
8.3.7 Thermal Shutdown
The device goes into thermal shutdown once the junction temperature exceeds typically 150°C with a 20°C
hysteresis.
8.4 Device Functional Modes
8.4.1 PWM Operation
At medium to heavy load currents, the device operates with pulse width modulation (PWM) at a nominal
switching frequency of 1.4 MHz. As the load current decreases, the converter enters the Power Save Mode
operation reducing its switching frequency. The device enters Power Save Mode at the boundary to
discontinuous conduction mode (DCM).
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV62090


Similar Part No. - TLV62090_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
[Old version datasheet]   3A High Efficiency Synchronous Step-Down Converter
More results

Similar Description - TLV62090_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com