Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62080 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV62080
Description  TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm2-mm WSON Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV62080_15 Datasheet HTML 2Page - Texas Instruments TLV62080_15 Datasheet HTML 3Page - Texas Instruments TLV62080_15 Datasheet HTML 4Page - Texas Instruments TLV62080_15 Datasheet HTML 5Page - Texas Instruments TLV62080_15 Datasheet HTML 6Page - Texas Instruments TLV62080_15 Datasheet HTML 7Page - Texas Instruments TLV62080_15 Datasheet HTML 8Page - Texas Instruments TLV62080_15 Datasheet HTML 9Page - Texas Instruments TLV62080_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLV62080, TLV62084
SLVSAK9F – OCTOBER 2011 – REVISED JANUARY 2015
www.ti.com
8.5 Electrical Characteristics
Over recommended free-air temperature range, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted),
VIN= 3.6 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range,TLV62080
2.5
5.5
V
VIN
Input voltage range,TLV62084
2.7
5.5
V
IQ
Quiescent current into VIN
IOUT = 0 mA, Device not switching
30
uA
ISD
Shutdown current into VIN
EN = LOW
1
µA
Under voltage lock out
Input voltage falling
1.8
2
V
VUVLO
Under voltage lock out hysteresis
Rising above VUVLO
120
mV
TJSD
Thermal shut down
Temperature rising
150
°C
Thermal shutdown hysteresis
Temperature falling below TJSD
20
°C
LOGIC INTERFACE (EN)
VIH
High level input voltage
2.5 V
≤ VIN ≤ 5.5 V
1
V
VIL
Low level input voltage
2.5 V
≤ VIN ≤ 5.5 V
0.4
V
ILKG
Input leakage current
0.01
0.5
µA
POWER GOOD
VPG
Power good threshold
VOUT falling referenced to VOUT nominal
–15
–10
–5
%
Power good hysteresis
5
%
VIL
Low level voltage
Isink = 500 µA
0.3
V
IPG,LKG
PG Leakage current
VPG = 5.0 V
0.01
0.1
µA
OUTPUT
VOUT
Output voltage range
0.5
4
V
VFB
Feedback regulation voltage
VIN ≥ 2.5 V and VIN ≥ VOUT + 1 V
0.438
0.45
0.462
V
IFB
Feedback input bias current
VFB = 0.45 V
10
100
nA
RDIS
Output discharge resistor
EN = LOW, VOUT = 1.8 V
1
k
High side FET on-resistance
ISW = 500 mA
120
m
RDS(on)
Low side FET on-resistance
ISW = 500 mA
90
m
High side FET switch current-limit,
ILIM
Rising inductor current
1.6
2.8
4
A
TLV62080
High side FET switch current-limit,
ILIM
Rising inductor current
2.3
2.8
4
A
TLV62084
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV62080 TLV62084


Similar Part No. - TLV62080_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results

Similar Description - TLV62080_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
[Old version datasheet]   1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
[Old version datasheet]   TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com