Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPL60R255P6 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPL60R255P6
Description  Increased MOSFET dv/dt ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R255P6 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPL60R255P6 Datasheet HTML 5Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 6Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 7Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 8Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 9Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 10Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 11Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 12Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
600VCoolMOS™P6PowerTransistor
IPL60R255P6
Rev.2.0,2014-05-16
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
5
10
15
20
25
30
35
40
45
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
5
10
15
20
25
30
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Diagram7:Typ.drain-sourceon-stateresistance
ID[A]
0
5
10
15
20
25
30
35
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
20 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram8:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.05
0.15
0.25
0.35
0.45
0.55
0.65
98%
typ
RDS(on)=f(Tj);ID=6.4A;VGS=10V


Similar Part No. - IPL60R255P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R210P6 INFINEON-IPL60R210P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-05-16
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
1Mb / 14P
   MOSFET 600V CoolMOS짧 CFD7 Power Transistor
Rev. 2.0, 2019-06-04
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
4Mb / 44P
   3300 W 54 V bi-directional phase-shift fullbridge with 600 V CoolMOS CFD7 and XMC
Revision 1.0 2018-05-02
IPL60R285P7 INFINEON-IPL60R285P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPL60R299CP INFINEON-IPL60R299CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
More results

Similar Description - IPL60R255P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R099C7 INFINEON-IPL65R099C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-05
IPA60R125P6 INFINEON-IPA60R125P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-03-07
IPL65R195C7 INFINEON-IPL65R195C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-06
IPA60R099P6 INFINEON-IPA60R099P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.1,2015-05-18
IPL65R070C7 INFINEON-IPL65R070C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-06
logo
STMicroelectronics
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com