Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPL60R255P6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPL60R255P6
Description  Increased MOSFET dv/dt ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R255P6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPL60R255P6 Datasheet HTML 1Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 2Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 3Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 4Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 5Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 6Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 7Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 8Page - Infineon Technologies AG IPL60R255P6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
600VCoolMOS™P6PowerTransistor
IPL60R255P6
Rev.2.0,2014-05-16
Final Data Sheet
2Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
15.9
10.1
A
TC=25°C
TC=100°C
Pulsed drain current
2)
ID,pulse
-
-
43
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
352
mJ
ID=2.8A; VDD=50V; see table 10
Avalanche energy, repetitive
EAR
-
-
0.53
mJ
ID=2.8A; VDD=50V; see table 10
Avalanche current, repetitive
IAR
-
-
2.8
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
100
V/ns
VDS=0...400V
Gate source voltage (static)
VGS
-20
-
20
V
static;
Gate source voltage (dynamic)
VGS
-30
-
30
V
AC (f>1 Hz)
Power dissipation
Ptot
-
-
126
W
TC=25°C
Storage temperature
Tstg
-40
-
150
°C
-
Operating junction temperature
Tj
-40
-
150
°C
-
Continuous diode forward current
IS
-
-
13.8
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
43
A
TC=25°C
Reverse diode dv/dt
3)
dv/dt
-
-
15
V/ns
VDS=0...400V,ISD<=IS,Tj=25°C
see table 8
Maximum diode commutation speed
dif/dt
-
-
500
A/
µs VDS=0...400V,ISD<=IS,Tj=25°C
see table 8
1) Limited by Tj max. Maximum duty cycle D=0.75
2) Pulse width tp limited by Tj,max
3)IdenticallowsideandhighsideswitchwithidenticalRG


Similar Part No. - IPL60R255P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R210P6 INFINEON-IPL60R210P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-05-16
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
1Mb / 14P
   MOSFET 600V CoolMOS짧 CFD7 Power Transistor
Rev. 2.0, 2019-06-04
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
4Mb / 44P
   3300 W 54 V bi-directional phase-shift fullbridge with 600 V CoolMOS CFD7 and XMC
Revision 1.0 2018-05-02
IPL60R285P7 INFINEON-IPL60R285P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPL60R299CP INFINEON-IPL60R299CP Datasheet
1Mb / 13P
   600V CoolMOS CP Power Transistor
Rev. 2.0, 2010-10-01
More results

Similar Description - IPL60R255P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R099C7 INFINEON-IPL65R099C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-05
IPA60R125P6 INFINEON-IPA60R125P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-03-07
IPL65R195C7 INFINEON-IPL65R195C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-06
IPA60R099P6 INFINEON-IPA60R099P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.1,2015-05-18
IPL65R070C7 INFINEON-IPL65R070C7 Datasheet
1Mb / 15P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2013-11-06
logo
STMicroelectronics
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
   Extremely high dv/dt ruggedness
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
   Extremely high dv/dt ruggedness
September 2015 Rev 1
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
   Extremely high dv/dt ruggedness
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com