Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPL60R180P6 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPL60R180P6
Description  600V CoolMOS™ P6 Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPL60R180P6 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPL60R180P6 Datasheet HTML 6Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 7Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 8Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 9Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 10Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 11Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 12Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 13Page - Infineon Technologies AG IPL60R180P6 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
600VCoolMOS™P6PowerTransistor
IPL60R180P6
Rev.2.0,2014-05-16
Final Data Sheet
Diagram9:Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
70
25 °C
150 °C
ID=f(VGS);VDS=20V;parameter:Tj
Diagram10:Typ.gatecharge
Qgate[nC]
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
120 V
480 V
VGS=f(Qgate);ID=11.3Apulsed;parameter:VDD
Diagram11:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.5
1.0
1.5
2.0
10-1
100
101
102
25 °C
125 °C
IF=f(VSD);parameter:Tj
Diagram12:Avalancheenergy
Tj[°C]
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
450
500
EAS=f(Tj);ID=3.9A;VDD=50V


Similar Part No. - IPL60R180P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R185C7 INFINEON-IPL60R185C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2015-12-11
IPL60R185CFD7 INFINEON-IPL60R185CFD7 Datasheet
1Mb / 14P
   600V CoolMOS짧 CFD7 Power Transistor
Rev.2.1,2018-01-18
IPL60R185CFD7 INFINEON-IPL60R185CFD7 Datasheet
4Mb / 44P
   3300 W 54 V bi-directional phase-shift fullbridge with 600 V CoolMOS CFD7 and XMC
Revision 1.0 2018-05-02
IPL60R185P7 INFINEON-IPL60R185P7 Datasheet
1Mb / 14P
   600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-02-17
More results

Similar Description - IPL60R180P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R650P6S INFINEON-IPL60R650P6S Datasheet
1Mb / 14P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-07-08
IPW60R070P6 INFINEON-IPW60R070P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-03-07
IPL60R210P6 INFINEON-IPL60R210P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-05-16
IPL60R360P6S INFINEON-IPL60R360P6S Datasheet
1Mb / 14P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-07-08
IPW60R041P6 INFINEON-IPW60R041P6 Datasheet
1Mb / 15P
   600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-03-07
IPX60R099P6 INFINEON-IPX60R099P6 Datasheet
2Mb / 18P
   600V CoolMOS??P6 Power Transistor
Rev.2.1,2015-05-18
IPD60R1K5CE INFINEON-IPD60R1K5CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R650CE INFINEON-IPA60R650CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R800CE INFINEON-IPD60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD40R385CP INFINEON-IPD40R385CP_V01 Datasheet
380Kb / 11P
   600V CoolMOS™ CP Power Transistor
Rev. 2.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com