Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPG20N06S4L-14A Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPG20N06S4L-14A
Description  Dual N-channel Logic Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPG20N06S4L-14A Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPG20N06S4L-14A Datasheet HTML 1Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 2Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 3Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 4Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 5Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 6Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 7Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 8Page - Infineon Technologies AG IPG20N06S4L-14A Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPG20N06S4L-14A
13 Avalanche energy
4)
14 Drain-source breakdown voltage
E AS = f(T j), I D = 10A
V BR(DSS) = f(T j); I D = 1 mA
15 Typ. gate charge
4)
16 Gate charge waveforms
V GS = f(Q gate); I D = 20 A pulsed
parameter: V DD
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
55
57
59
61
63
65
-60
-20
20
60
100
140
180
T
j [°C]
12V
48 V
0
2
4
6
8
10
12
0
5
10
15
20
25
30
Q
gate [nC]
0
20
40
60
80
100
25
50
75
100
125
150
175
T
j [°C]
Rev. 1.0
page 7
2013-02-28


Similar Part No. - IPG20N06S4L-14A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N06S4L-14 INFINEON-IPG20N06S4L-14 Datasheet
163Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-10-05
More results

Similar Description - IPG20N06S4L-14A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG20N06S4L-11A INFINEON-IPG20N06S4L-11A_15 Datasheet
293Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-05-04
IPG16N10S4L-61A INFINEON-IPG16N10S4L-61A Datasheet
275Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2014-06-30
IPG20N04S4L-11A INFINEON-IPG20N04S4L-11A Datasheet
201Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-02-28
IPG20N04S4L-08A INFINEON-IPG20N04S4L-08A_15 Datasheet
244Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-09-16
IPG20N10S4L-22A INFINEON-IPG20N10S4L-22A Datasheet
212Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-03-04
IPG20N10S4L-35A INFINEON-IPG20N10S4L-35A Datasheet
200Kb / 9P
   Dual N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-03-04
logo
Cystech Electonics Corp...
MTB17A03V8 CYSTEKEC-MTB17A03V8 Datasheet
357Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
MTB14A03V8 CYSTEKEC-MTB14A03V8 Datasheet
357Kb / 9P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PA5D8JA UNIKC-PA5D8JA Datasheet
791Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode MOSFET
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com