Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8758-B0 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8758-B0
Description  LP8758-B0 Four-Phase DC-DC Step-Down Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8758-B0 Datasheet(HTML) 1 Page - Texas Instruments

  LP8758-B0_15 Datasheet HTML 1Page - Texas Instruments LP8758-B0_15 Datasheet HTML 2Page - Texas Instruments LP8758-B0_15 Datasheet HTML 3Page - Texas Instruments LP8758-B0_15 Datasheet HTML 4Page - Texas Instruments LP8758-B0_15 Datasheet HTML 5Page - Texas Instruments LP8758-B0_15 Datasheet HTML 6Page - Texas Instruments LP8758-B0_15 Datasheet HTML 7Page - Texas Instruments LP8758-B0_15 Datasheet HTML 8Page - Texas Instruments LP8758-B0_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Output Current (A)
0.001
0.01
0.1
1
10 20
20
50
55
60
65
70
75
80
85
90
95
D038
1.2 V
1.0 V
SW_B0
SW_B1
SW_B2
SW_B3
VIN_B0
VIN_B1
VIN_B2
VIN_B3
VANA
VIN
FB_B0
FB_B1
VOUT
LOAD
LP8758
FB_B2
FB_B3
NRST
SDA
SCL
nINT
EN1
EN2
GNDs
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP8758-B0
SNVSA06A – MARCH 2015 – REVISED MAY 2015
LP8758-B0 Four-Phase DC-DC Step-Down Converter
1 Features
3 Description
The
LP8758
is
designed
to
meet
the
power
1
High-Efficiency Step-Down Four-Phase DC-DC
management requirements of the latest application
Converter Cores:
processors in mobile phones and similar portable
Maximum Output Current 16 A
applications. The device contains four step-down DC-
Auto PWM-PFM and Forced-PWM Operations
DC converter cores, which are bundled together in a
single
4-phase
buck
converter.
The
device
is
Auto Phase Adding/Shedding and Force Multi-
controlled by an I2C-compatible serial interface.
Phase Operations
The automatic PWM-PFM (AUTO mode) operation,
Remote Differential Feedback Voltage Sensing
together with the automatic phase adding/shedding,
Programmable Output Voltage Slew-Rate from
maximizes efficiency over a wide output-current
30 mV/µs to 0.5 mV/µs
range. The LP8758 supports remote differential
VOUT Range = 0.5 V to 3.36 V with DVS
voltage sensing to compensate IR drop between the
regulator output and the point-of-load, thus improving
Programmable Start-up and Shutdown Delays
the accuracy of the output voltage.
with Enable Signal
I2C-Compatible Interface which Supports Standard
The LP8758 supports programmable start-up and
shutdown delays synchronized to Enable signal.
(100 kHz), Fast (400 kHz), Fast+ (1 MHz), and
High-Speed (3.4 MHz) Modes
The
protection
features
include
short-circuit
Interrupt Function with Programmable Masking
protection, current limits, input supply UVLO, and
temperature
warning
and
shutdown
functions.
Load Current Measurement
Several error flags are provided for status information
Output Short-Circuit and Overload Protection
of the device. In addition, the LP8758 device supports
Spread-Spectrum Mode and Phase Interleaving
load current measurement without the addition of
for EMI Reduction
external current sense resistors. During start-up and
voltage change, the device controls the output slew
Overtemperature Warning and Protection
rate to minimize output voltage overshoot and the
Undervoltage Lockout (UVLO)
inrush current.
2 Applications
Device Information(1)
Smart Phones, eBooks and Tablets
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP8758-B0
DSBGA (35)
2.88 mm × 2.13 mm
Gaming Devices
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Efficiency vs Output Current
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP8758-B0_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
More results

Similar Description - LP8758-B0_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8758-B0 TI1-LP8758-B0 Datasheet
1Mb / 56P
[Old version datasheet]   LP8758-B0 Four-Phase DC-DC Step-Down Converter
LP8758-E0 TI-LP8758-E0_15 Datasheet
97Kb / 5P
[Old version datasheet]   LP8758-E0 Four Output Step-Down DC-DC Regulator
TPS54900 TI-TPS54900 Datasheet
251Kb / 16P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
LP8758-E0 TI1-LP8758-E0_16 Datasheet
1Mb / 61P
[Old version datasheet]   Four-Output Synchronous Step-Down DC-DC Converter
TPS54900 TI1-TPS54900_14 Datasheet
280Kb / 17P
[Old version datasheet]   PROGRAMMABLE FOUR-CHANNEL STEP-DOWN DC/DC CONVERTER
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com