Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8754 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP8754
Description  LP8754 Multi-Phase Six-Core Step-Down Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8754 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8754_15 Datasheet HTML 2Page - Texas Instruments LP8754_15 Datasheet HTML 3Page - Texas Instruments LP8754_15 Datasheet HTML 4Page - Texas Instruments LP8754_15 Datasheet HTML 5Page - Texas Instruments LP8754_15 Datasheet HTML 6Page - Texas Instruments LP8754_15 Datasheet HTML 7Page - Texas Instruments LP8754_15 Datasheet HTML 8Page - Texas Instruments LP8754_15 Datasheet HTML 9Page - Texas Instruments LP8754_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
LP8754
SNVS861A – FEBRUARY 2014 – REVISED AUGUST 2014
www.ti.com
6.4 Thermal Information
LP8754
THERMAL METRIC(1)
YFQ
UNIT
49 PINS
RθJA
Junction-to-ambient thermal resistance
49.2
RθJCtop
Junction-to-case (top) thermal resistance
0.2
RθJB
Junction-to-board thermal resistance
6.6
°C/W
ψJT
Junction-to-top characterization parameter
2.9
ψJB
Junction-to-board characterization parameter
6.5
RθJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 General Electrical Characteristics
(1) (2)
Limits apply over the full ambient temperature range -40°C
≤ TA ≤ 85°C, VVDDA5V = VVINBXX = 3.7 V, VVIOSYS = VNRST = 1.8 V,
VOUT = 1.1 V, (unless otherwise noted).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENTS
Shutdown supply current.
Total current into power
ISHDN
VVIOSYS = 0 V, VNRST = 0 V
0.1
2
connections VDDA5V and
VINBXX
µA
Standby mode supply current.
Total current into power
ISTBY
VVIOSYS = 1.8 V, VNRST = 0 V
50
connections VDDA5V and
VINBXX
Low-power PFM Mode, no load, one core
130
µA
Active mode current
active
consumption. Total current
IActive
PFM Mode, no load, one core active
400
µA
into power connections
Forced PWM Mode, no load, one core
VDDA5V and VINBXX
14.5
mA
active
LOGIC AND CONTROL INPUTS SCLSYS, SDASYS, ADDR
0.3 x
VIL
Input low level
VVIOSYS = 1.8 V to 3.3 V
VVIOSYS
VIH
Input high level
VVIOSYS = 1.8 V to 3.3 V
0.7 x VVIOSYS
V
Hysteresis of Schmitt trigger
Vhys
0.1 x VVIOSYS
inputs (SCLSYS, SDASYS)
Ci
Capacitance of pins
See (3)
4
pF
(1)
All voltage values are with respect to network ground pin.
(2)
Minimum (Min) and Maximum (Max) limits are specified by design, test, or statistical analysis. Typical (Typ.) numbers are not ensured,
but do represent the most likely norm.
(3)
Maximum capacitance of SCLSYS or SDASYS line is 8 pF, if ADDR pin is connected to line for serial bus address selection.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP8754


Similar Part No. - LP8754_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP875484YFQR TI1-LP875484YFQR Datasheet
1Mb / 53P
[Old version datasheet]   LP8754 Multi-Phase Six-Core Step-Down Converter
More results

Similar Description - LP8754_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8754 TI1-LP8754 Datasheet
1Mb / 53P
[Old version datasheet]   LP8754 Multi-Phase Six-Core Step-Down Converter
LP8755 TI1-LP8755_14 Datasheet
1Mb / 51P
[Old version datasheet]   Multi-Phase 6-Core Step-Down Converter
TPS62480 TI1-TPS62480 Datasheet
2Mb / 36P
[Old version datasheet]   2-Phase Step-Down Converter
logo
Richtek Technology Corp...
RTQ2134-QA RICHTEK-RTQ2134-QA Datasheet
2Mb / 50P
   2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
May 2022
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
logo
Richtek Technology Corp...
RT6212A RICHTEK-RT6212A Datasheet
1Mb / 18P
   Step-Down Converter
logo
Exar Corporation
XRP6668 EXAR-XRP6668 Datasheet
614Kb / 11P
   Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com