Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR70503 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMR70503
Description  SIMPLE SWITCHER Buck-Boost Converter For Negative Output Voltage in
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR70503 Datasheet(HTML) 1 Page - Texas Instruments

  LMR70503_15 Datasheet HTML 1Page - Texas Instruments LMR70503_15 Datasheet HTML 2Page - Texas Instruments LMR70503_15 Datasheet HTML 3Page - Texas Instruments LMR70503_15 Datasheet HTML 4Page - Texas Instruments LMR70503_15 Datasheet HTML 5Page - Texas Instruments LMR70503_15 Datasheet HTML 6Page - Texas Instruments LMR70503_15 Datasheet HTML 7Page - Texas Instruments LMR70503_15 Datasheet HTML 8Page - Texas Instruments LMR70503_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VIN (2.8V to 5.5V)
LMR70503
GND
SW
VOUT
VIN
EN
Cin
Cout
Refer to GND
D
VOUT
L
0V
1.8V
(-0.9V to -5.5V)
FB
VREF
Rb
Rt
Cff
0
30
60
90
120
150
180
30
40
50
60
70
80
LOAD (mA)
VIN = 2.8V
VIN = 3.3V
VIN = 4.0V
VIN = 5.0V
VIN = 5.5V
0
10 20 30 40 50 60 70 80 90 100
30
40
50
60
70
80
LOAD (mA)
VIN = 2.8V
VIN = 3.3V
VIN = 4.0V
VIN = 5.0V
VIN = 5.5V
LMR70503
www.ti.com
SNVS850A – JUNE 2012 – REVISED APRIL 2013
LMR70503 SIMPLE SWITCHER® Buck-Boost Converter For Negative Output Voltage in
µSMD
Check for Samples: LMR70503
System Performance
1
FEATURES
23
Tiny 8-Bump Thin DSBGA Package: 0.84 mm ×
1.615 mm × 0.6 mm
2.8 V to 5.5 V Input Voltage Range
Adjustable Output Voltage: -0.9 V to -5.5 V
320 mA Switch Current Limit
500 kHz Minimum Switching Frequency
Ground Referred Enable Input
Under Voltage Lock Out (UVLO)
No External Compensation
Internal Soft Start
1 µA Shutdown Supply Current
Figure 1. Efficiency, VOUT= -5.0 V
Small Output Voltage Ripple
WEBENCH® Enabled
APPLICATIONS
General Purpose Negative Voltage Supply
Negative Rail / Bias Supply For Op-amp And
Data Converters
LCD Biasing
PERFORMANCE BENEFITS
Easy To Use
Tiny Overall Solution Size Reduces System
Cost
Figure 2. Efficiency, VOUT= -2.5 V
DESCRIPTION
The LMR70503 is a buck-boost converter with
adjustable negative output voltage in a tiny 8-bump
Typical Application Circuit
thin DSBGA package. Its unique control method is
designed to provide fast transient response, low
output noise, high efficiency, and tight regulation in
the smallest possible PCB area. The LMR70503 has
built in soft start, peak current limit, minimum
switching frequency, and Under Voltage Lock Out
(UVLO), with no external compensation required. For
ease of use, the Enable pin is referred to the IC
ground, instead of the lowest potential of the IC: the
negative output voltage.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMR70503_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR70503TMNOPB TI1-LMR70503TMNOPB Datasheet
2Mb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
LMR70503TMXNOPB TI1-LMR70503TMXNOPB Datasheet
2Mb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
More results

Similar Description - LMR70503_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR70503 TI1-LMR70503 Datasheet
2Mb / 19P
[Old version datasheet]   SIMPLE SWITCHER짰 Buck-Boost Converter For Negative Output Voltage in 關SMD
logo
STMicroelectronics
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
STEVAL-ILL079V1 STMICROELECTRONICS-STEVAL-ILL079V1 Datasheet
235Kb / 4P
   Negative buck-boost topology
March 2016 Rev 1
logo
National Semiconductor ...
LM2698 NSC-LM2698 Datasheet
503Kb / 17P
   SIMPLE SWITCHER 1.35A Boost Regulator
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
LM2596-ADJ TI1-LM2596-ADJ Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com