Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR24220 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMR24220
Description  SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR24220 Datasheet(HTML) 2 Page - Texas Instruments

  LMR24220_15 Datasheet HTML 1Page - Texas Instruments LMR24220_15 Datasheet HTML 2Page - Texas Instruments LMR24220_15 Datasheet HTML 3Page - Texas Instruments LMR24220_15 Datasheet HTML 4Page - Texas Instruments LMR24220_15 Datasheet HTML 5Page - Texas Instruments LMR24220_15 Datasheet HTML 6Page - Texas Instruments LMR24220_15 Datasheet HTML 7Page - Texas Instruments LMR24220_15 Datasheet HTML 8Page - Texas Instruments LMR24220_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
VIN
VIN
BST
SW
AGND
RON
EN
SW
SW
SW
SW
AGND
AGND
AGND
SW
SW
SW
SW
VCC
AGND
SS
PGND PGND PGND
VCC
AGND
FB
A
B
C
D
E
F
G
4
3
2
1
PGND
Top Mark
LMR24220
LMR24220
SNVS737E – OCTOBER 2011 – REVISED APRIL 2013
www.ti.com
Typical Application
Connection Diagram
Figure 1. 28-Ball DSBGA (Balls Facing Down)
See YPA0028 Package
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMR24220


Similar Part No. - LMR24220_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR24220TL NSC-LMR24220TL Datasheet
1Mb / 18P
   SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24220TL TI1-LMR24220TL Datasheet
1Mb / 20P
[Old version datasheet]   LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
National Semiconductor ...
LMR24220TLX NSC-LMR24220TLX Datasheet
1Mb / 18P
   SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24220TLX TI1-LMR24220TLX Datasheet
1Mb / 20P
[Old version datasheet]   LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
More results

Similar Description - LMR24220_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR24210 TI-LMR24210_15 Datasheet
1Mb / 25P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR24220 NSC-LMR24220 Datasheet
1Mb / 18P
   SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR24220 TI1-LMR24220 Datasheet
1Mb / 20P
[Old version datasheet]   LMR24220 SIMPLE SWITCHER짰 42Vin, 2.0A Step-Down Voltage Regulator in micro SMD
LMR10520 TI1-LMR10520_14 Datasheet
1,022Kb / 26P
[Old version datasheet]   SIMPLE SWITCHER 5.5Vin, 2.0A Step-Down Voltage Regulator in WSON
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206 TI1-LMR14206 Datasheet
268Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage SWITCHER짰 42Vin, 0.6A Step-Down Voltage
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com