Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR24210 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMR24210
Description  SIMPLE SWITCHER 42Vin, 1.0A Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR24210 Datasheet(HTML) 5 Page - Texas Instruments

  LMR24210_15 Datasheet HTML 1Page - Texas Instruments LMR24210_15 Datasheet HTML 2Page - Texas Instruments LMR24210_15 Datasheet HTML 3Page - Texas Instruments LMR24210_15 Datasheet HTML 4Page - Texas Instruments LMR24210_15 Datasheet HTML 5Page - Texas Instruments LMR24210_15 Datasheet HTML 6Page - Texas Instruments LMR24210_15 Datasheet HTML 7Page - Texas Instruments LMR24210_15 Datasheet HTML 8Page - Texas Instruments LMR24210_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LMR24210
www.ti.com
SNVS738G – OCTOBER 2011 – REVISED APRIL 2013
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 18V, VOUT = 3.3V.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCC
VCC output voltage
CCC = 680nF, no load
5.0
6.0
7.2
V
VIN - VCC
VIN - VCC dropout voltage
ICC = 20mA
350
mV
IVCCL
VCC current limit
(2)
VCC = 0V
40
65
mA
VCC-UVLO
VCC under-voltage lockout threshold
VIN increasing
3.55
3.75
3.95
V
(UVLO)
VCC-UVLO-HYS
VCC UVLO hysteresis
VIN decreasing – DSBGA
150
mV
package
tVCC-UVLO-D
VCC UVLO filter delay
3
µs
IIN
IIN operating current
No switching, VFB = 1V
0.7
1
mA
IIN-SD
IIN operating current, Device shutdown
VEN = 0V
25
40
µA
Switching Characteristics
RDS-UP-ON
Main MOSFET RDS(on)
0.18
0.375
RDS- DN-ON
Syn. MOSFET RDS(on)
0.11
0.225
VG-UVLO
Gate drive voltage UVLO
VBST - VSW increasing
3.3
4
V
Soft-start
ISS
SS pin source current
VSS = 0.5V
11
µA
Current Limit
ICL
Syn. MOSFET current limit threshold
LMR24210
1.2
1.8
2.6
A
ON/OFF Timer
ton
ON timer pulse width
VIN = 10V, RON = 100 kΩ
1.38
µs
VIN = 30V, RON = 100 kΩ
0.47
ton-MIN
ON timer minimum pulse width
150
ns
toff
OFF timer pulse width
260
ns
Enable Input
VEN
EN Pin input threshold
VEN rising
1.13
1.18
1.23
V
VEN-HYS
Enable threshold hysteresis
VEN falling
90
mV
Regulation and Over-Voltage Comparator
VFB
In-regulation feedback voltage
VSS ≥ 0.8V
0.784
0.8
0.816
V
TJ = −40°C to +125°C
VFB-OV
Feedback over-voltage threshold
0.888
0.920
0.945
V
IFB
FB pin current
5
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
TJ rising
165
°C
TSD-HYS
Thermal shutdown temperature
TJ falling
20
°C
hysteresis
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMR24210


Similar Part No. - LMR24210_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMR24210TL NSC-LMR24210TL Datasheet
1Mb / 18P
   SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24210TL TI1-LMR24210TL Datasheet
1Mb / 20P
[Old version datasheet]   LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
logo
National Semiconductor ...
LMR24210TLX NSC-LMR24210TLX Datasheet
1Mb / 18P
   SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR24210TLX TI1-LMR24210TLX Datasheet
1Mb / 20P
[Old version datasheet]   LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
More results

Similar Description - LMR24210_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR24220 TI-LMR24220_15 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 2.0A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR24210 NSC-LMR24210 Datasheet
1Mb / 18P
   SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
logo
Texas Instruments
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR24210 TI1-LMR24210 Datasheet
1Mb / 20P
[Old version datasheet]   LMR24210 SIMPLE SWITCHER짰 42Vin, 1.0A Step-Down Voltage Regulator in micro SMD
LMR14206 TI1-LMR14206 Datasheet
268Kb / 13P
[Old version datasheet]   SIMPLE SWITCHER짰 42Vin, 0.6A Step-Down Voltage SWITCHER짰 42Vin, 0.6A Step-Down Voltage
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com