Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR14006 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMR14006
Description  LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMR14006 Datasheet(HTML) 2 Page - Texas Instruments

  LMR14006_15 Datasheet HTML 1Page - Texas Instruments LMR14006_15 Datasheet HTML 2Page - Texas Instruments LMR14006_15 Datasheet HTML 3Page - Texas Instruments LMR14006_15 Datasheet HTML 4Page - Texas Instruments LMR14006_15 Datasheet HTML 5Page - Texas Instruments LMR14006_15 Datasheet HTML 6Page - Texas Instruments LMR14006_15 Datasheet HTML 7Page - Texas Instruments LMR14006_15 Datasheet HTML 8Page - Texas Instruments LMR14006_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LMR14006
SNVSA10B – NOVEMBER 2013 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
2
Applications ........................................................... 1
7.2
Functional Block Diagram ......................................... 8
3
Description ............................................................. 1
7.3
Feature Description................................................... 8
4
Revision History..................................................... 2
8
Applications and Implementation ...................... 11
5
Pin Configuration and Functions ......................... 3
8.1
Typical Applications ................................................ 11
6
Specifications......................................................... 4
9
Layout ................................................................... 16
6.1
Absolute Maximum Ratings ...................................... 4
9.1
Layout Guidelines ................................................... 16
6.2
Handling Ratings ...................................................... 4
10
Device and Documentation Support ................. 17
6.3
Recommended Operating Conditions ..................... 4
10.1
Trademarks ........................................................... 17
6.4
Thermal Information .................................................. 4
10.2
Electrostatic Discharge Caution ............................ 17
6.5
Electrical Characteristics........................................... 5
10.3
Glossary ................................................................ 17
6.6
Switching Characteristics .......................................... 5
11
Mechanical, Packaging, and Orderable
6.7
Typical Characteristics .............................................. 6
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (November 2013) to Revision A
Page
Deleted the other part number LMR14003 from the rest of the document ........................................................................... 1
Added Device Information and Handling Rating tables, Feature Description, Application and Implementation, ,
Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable Information sections;
moved some curves to Application Curves section................................................................................................................ 1
Changed from 2kV to 1kV ...................................................................................................................................................... 4
Changes from Revision A (September 2014) to Revision B
Page
Changed from -0.3 to -1 ......................................................................................................................................................... 4
Changed from -0.3 to -1 ......................................................................................................................................................... 4
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LMR14006


Similar Part No. - LMR14006_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006XDDCR TI1-LMR14006XDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCR TI1-LMR14006XDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCT TI1-LMR14006XDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCT TI1-LMR14006XDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCR TI1-LMR14006YDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

Similar Description - LMR14006_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14003 TI1-LMR14003 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LMR16006 TI1-LMR16006 Datasheet
1Mb / 25P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com