Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA50R800CE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPA50R800CE
Description  500V CoolMOS™ CE Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA50R800CE Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPA50R800CE_15 Datasheet HTML 5Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 6Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 7Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 8Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 9Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 10Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 11Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 12Page - Infineon Technologies AG IPA50R800CE_15 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
500VCoolMOS™CEPowerTransistor
IPA50R800CE
Rev.2.1,2014-06-12
Final Data Sheet
Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Typ.gatecharge
Qgate[nC]
0
5
10
15
0
1
2
3
4
5
6
7
8
9
10
120 V
400 V
VGS=f(Qgate);ID=1.9Apulsed;parameter:VDD
Avalancheenergy
Tj[°C]
0
25
50
75
100
125
150
175
0
20
40
60
80
100
EAS=f(Tj);ID=1.9A;VDD=50V
Drain-sourcebreakdownvoltage
Tj[°C]
-50
-25
0
25
50
75
100
125
150
440
460
480
500
520
540
560
580
VBR(DSS)=f(Tj);ID=1mA


Similar Part No. - IPA50R800CE_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R800CE INFINEON-IPA50R800CE_16 Datasheet
962Kb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-07-12
More results

Similar Description - IPA50R800CE_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA50R500CE INFINEON-IPA50R500CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-06-12
IPW50R280CE INFINEON-IPW50R280CE Datasheet
2Mb / 15P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R950CE INFINEON-IPA50R950CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R280CE INFINEON-IPA50R280CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2
IPA50R380CE INFINEON-IPA50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2, 2014-06-12
IPA50R650CE INFINEON-IPA50R650CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPA50R800CE INFINEON-IPA50R800CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com