Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT25C64A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT25C64A
Description  SPI Serial EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT25C64A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT25C64A Datasheet HTML 1Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 2Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 3Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 4Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 5Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 6Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 7Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 8Page - List of Unclassifed Manufacturers FT25C64A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Fremont Micro Devices
FT25C64A DS
SPI Serial EEPROM
64K (8-bit wide)
FEATURES
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
Data Sheet Describes Mode 0 Operation
Low voltage and low power operations
FT25C64A VCC = 1.8V to 5.5V
20MHz clock rate (5V)
Maximum Standby current < 1µA (typically 0.02µA and 0.06µA @ 1.8V and 5.5V respectively)
Partial page write operation allowed (32 bytes page write mode)
Self-timed programming cycle (5 ms max)
Block Write Protection (Protect 1/4, 1/2, or Entire Array)
Write protect pin for hardware data protection
High reliability: typically 1,000,000 cycles endurance
100 years data retention
Industrial temperature range (-40℃to 85℃)
Standard 8-pin DIP/SOP/TSSOP Pb-free packages
DESCRIPTION
The FT25C64A is 65536 bits of serial Electrical Erasable and Programmable Read Only Memory,
commonly known as EEPROM. They are organized as 8192 words of 8 bits (1 byte) each. The devices are
fabricated with proprietary advanced CMOS process for low power and low voltage applications. These
devices are available in standard 8-lead DIP, 8-lead SOP and 8-lead TSSOP packages. The memory is
accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The HOLD pin may be
used to suspend any serial communication without resetting the serial sequence. While the device is
paused, transitions on its inputs will be ignored. Our extended VCC range (1.8V to 5.5V) devices enables
wide spectrum of applications.
© 2013 Fremont Micro Devices Inc.
Confidential Rev 0.80
DS25C64A - Page1


Similar Part No. - FT25C64A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT25C08A ETC2-FT25C08A Datasheet
402Kb / 16P
   SPI Serial EEPROM
FT25C16A ETC2-FT25C16A Datasheet
238Kb / 16P
   SPI Serial EEPROM
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
More results

Similar Description - FT25C64A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com